Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46C64 Datasheet(PDF) 27 Page - Holtek Semiconductor Inc

Part # HT46C64
Description  A/D with LCD Type 8-Bit MCU
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46C64 Datasheet(HTML) 27 Page - Holtek Semiconductor Inc

Back Button HT46C64 Datasheet HTML 23Page - Holtek Semiconductor Inc HT46C64 Datasheet HTML 24Page - Holtek Semiconductor Inc HT46C64 Datasheet HTML 25Page - Holtek Semiconductor Inc HT46C64 Datasheet HTML 26Page - Holtek Semiconductor Inc HT46C64 Datasheet HTML 27Page - Holtek Semiconductor Inc HT46C64 Datasheet HTML 28Page - Holtek Semiconductor Inc HT46C64 Datasheet HTML 29Page - Holtek Semiconductor Inc HT46C64 Datasheet HTML 30Page - Holtek Semiconductor Inc HT46C64 Datasheet HTML 31Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 47 page
background image
HT46R64/HT46C64
Rev. 1.40
27
September 21, 2004
The RTCC register definitions are listed below.
Register
Bit No.
Label
Read/Write
Reset
Function
RTCC
(09H)
0~2
RT0~RT2
R/W
1
8 to 1 multiplexer control inputs to select the real clock
prescaler output
3
LVDC
R/W
0
LVD enable/disable (1/0)
4
QOSC
R/W
0
32768Hz OSC quick start-up oscillating
0/1: quickly/slowly start
5
LVDO
R
0
LVD detection output (1/0)
1: low voltage detected
6~7
¾¾
¾
Unused bit, read as
²0²
Options
The following shows the options in the device. All these options should be defined in order to ensure proper functioning
system.
Options
OSC type selection.
This option is to decide if an RC or crystal or 32768Hz crystal oscillator is chosen as system clock.
WDT, RTC and time base clock source selection.
There are three types of selections: system clock/4 or RTC OSC or WDT OSC.
WDT enable/disable selection.
WDT can be enabled or disabled by option.
WDT time-out period selection.
There are four types of selection: WDT clock source divided by 2
12/f
S~2
13/f
S,2
13/f
S~2
14/f
S,2
14/f
S~2
15/f
S or
2
15/f
S~2
16/f
S.
CLR WDT times selection.
This option defines the method to clear the WDT by instruction.
²One time² means that the ²CLR WDT² can clear the
WDT.
²Two times² means only if both of the ²CLR WDT1² and ²CLR WDT2² have been executed, the WDT can be
cleared.
V D D
5 . 5 V
V L V R
0 . 9 V
0 V
R e s e t S i g n a l
R e s e t
* 1
* 2
N o r m a l O p e r a t i o n
R e s e t
L V R D e t e c t V o l t a g e
Low Voltage Reset
Note:
*1: To make sure that the system oscillator has stabilized, the SST provides an extra delay of 1024 system
clock pulses before entering the normal operation.
*2: Since low voltage state has to be maintained in its original state for over 1ms, therefore after 1ms delay,
the device enters the reset mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com