Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46C64 Datasheet(PDF) 28 Page - Holtek Semiconductor Inc

Part # HT46C64
Description  A/D with LCD Type 8-Bit MCU
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46C64 Datasheet(HTML) 28 Page - Holtek Semiconductor Inc

Back Button HT46C64 Datasheet HTML 24Page - Holtek Semiconductor Inc HT46C64 Datasheet HTML 25Page - Holtek Semiconductor Inc HT46C64 Datasheet HTML 26Page - Holtek Semiconductor Inc HT46C64 Datasheet HTML 27Page - Holtek Semiconductor Inc HT46C64 Datasheet HTML 28Page - Holtek Semiconductor Inc HT46C64 Datasheet HTML 29Page - Holtek Semiconductor Inc HT46C64 Datasheet HTML 30Page - Holtek Semiconductor Inc HT46C64 Datasheet HTML 31Page - Holtek Semiconductor Inc HT46C64 Datasheet HTML 32Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 47 page
background image
HT46R64/HT46C64
Rev. 1.40
28
September 21, 2004
Options
Time Base time-out period selection.
The Time Base time-out period ranges from 2
12/f
S to 2
15/f
S
²fS² means the clock source selected by options.
Buzzer output frequency selection.
There are eight types of frequency signals for buzzer output: fS/2
2~f
S/2
9. ²fS² means the clock source selected by op-
tions.
Wake-up selection.
This option defines the wake-up capability. External I/O pins (PA only) all have the capability to wake-up the chip
from a HALT by a falling edge (bit option).
Pull-high selection.
This option is to decide whether the pull-high resistance is visible or not in the input mode of the I/O ports. PA, PB and
PD can be independently selected (bit option).
I/O pins share with other function selections.
PA0/BZ, PA1/BZ: PA0 and PA1 can be set as I/O pins or buzzer outputs.
LCD common selection.
There are three types of selections: 2 common (1/2 duty) or 3 common (1/3 duty) or 4 common (1/4 duty). If the 4
common is selected, the segment output pin
²SEG40² will be set as a common output.
LCD bias power supply selection.
There are two types of selections: 1/2 bias or 1/3 bias
LCD bias type selection.
This option is to determine what kind of bias is selected, R type or C type.
LCD driver clock frequency selection.
There are seven types of frequency signals for the LCD driver circuits: fS/2
2~f
S/2
8. ²fS² stands for the clock source se-
lection by options.
LCD ON/OFF at HALT selection
LCD Segments as logical output selection, (byte, bit, bit, bit, bit, bit, bit, bit, bit option)
[SEG0~SEG7], SEG8, SEG9, SEG10, SEG11, SEG12, SEG13, SEG14 or SEG15
LVR selection.
LVR has enable or disable options
LVD selection.
LVD has enable or disable options
PFD selection.
If PA3 is set as PFD output, there are two types of selections; One is PFD0 as the PFD output, the other is PFD1 as
the PFD output. PFD0, PFD1 are the timer overflow signals of the Timer/Event Counter 0, Timer/Event Counter 1 re-
spectively.
PWM selection: (7+1) or (6+2) mode
PD0: level output or PWM0 output
PD1: level output or PWM1 output
PD2: level output or PWM2 output
PD3: level output or PWM3 output
INT0 or INT1 trigger edge selection: disable; high to low; low to high; low to high or high to low
LCD bias current selection: low/high driving current (for R type only).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com