Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46C64 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT46C64
Description  A/D with LCD Type 8-Bit MCU
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46C64 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT46C64 Datasheet HTML 1Page - Holtek Semiconductor Inc HT46C64 Datasheet HTML 2Page - Holtek Semiconductor Inc HT46C64 Datasheet HTML 3Page - Holtek Semiconductor Inc HT46C64 Datasheet HTML 4Page - Holtek Semiconductor Inc HT46C64 Datasheet HTML 5Page - Holtek Semiconductor Inc HT46C64 Datasheet HTML 6Page - Holtek Semiconductor Inc HT46C64 Datasheet HTML 7Page - Holtek Semiconductor Inc HT46C64 Datasheet HTML 8Page - Holtek Semiconductor Inc HT46C64 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 47 page
background image
HT46R64/HT46C64
A/D with LCD Type 8-Bit MCU
Rev. 1.40
1
September 21, 2004
Features
· Operating voltage:
fSYS=4MHz: 2.2V~5.5V
fSYS=8MHz: 3.3V~5.5V
· 24 bidirectional I/O lines
· Two external interrupt input
· One 8-bit and one 16-bit programmable timer/event
counter with PFD (programmable frequency divider)
function
· LCD driver with 33´3or32´4 segments
(logical output option for SEG0~SEG15)
· 4K´15 program memory
· 192´8 data memory RAM
· Supports PFD for sound generation
· Real Time Clock (RTC)
· 8-bit prescaler for RTC
· Watchdog Timer
· Buzzer output
· On-chip crystal, RC and 32768Hz crystal oscillator
· HALT function and wake-up feature reduce power
consumption
· 8-level subroutine nesting
· 8 channels 10-bit resolution A/D converter
· 4-channel 8-bit PWM output shared with 4 I/O lines
· Bit manipulation instruction
· 16-bit table read instruction
· Up to 0.5ms instruction cycle with 8MHz system clock
· 63 powerful instructions
· All instructions in 1 or 2 machine cycles
· Low voltage reset/detector function
· 56-pin SSOP, 100-pin QFP package
General Description
The HT46R64/HT46C64 are 8-bit, high performance,
RISC architecture microcontroller devices specifically
designed for A/D product applications that interface di-
rectly to analog signals and which require LCD Inter-
face. The mask version HT46C64 is fully pin and
functionally compatible with the OTP version HT46R64
device.
The advantages of low power consumption, I/O flexibil-
ity, timer functions, oscillator options, multi-channel A/D
Converter, Pulse Width Modulation function, HALT and
wake-up functions, in addition to a flexible and
configurable LCD interface enhance the versatility of
these devices to control a wide range of applications re-
quiring analog signal processing and LCD interfacing,
such as electronic metering, environmental monitoring,
handheld measurement tools, motor driving, etc., for
both industrial and home appliance application areas.
HT46C64 under development, available in 4Q, 2004.


Similar Part No. - HT46C64

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46C64 HOLTEK-HT46C64 Datasheet
423Kb / 48P
A/D with LCD Type 8-Bit MCU
February 14, 2006
HT46C64 HOLTEK-HT46C64 Datasheet
1Mb / 51P
52/100-pin LQFP
2014-06-06
HT46C64 HOLTEK-HT46C64_11 Datasheet
320Kb / 46P
A/D with LCD Type 8-Bit MCU
April 13, 2011
More results

Similar Description - HT46C64

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46R63 HOLTEK-HT46R63 Datasheet
328Kb / 44P
A/D with LCD Type 8-Bit MCU
May 17, 2004
HT46R65 HOLTEK-HT46R65 Datasheet
409Kb / 48P
A/D with LCD Type 8-Bit MCU
July 14, 2005
HT46R62 HOLTEK-HT46R62 Datasheet
401Kb / 46P
A/D with LCD Type 8-Bit MCU
July 14, 2005
HT46R71D HOLTEK-HT46R71D Datasheet
331Kb / 46P
A/D with LCD Type 8-Bit MCU
January 9, 2006
HT46R64 HOLTEK-HT46R64_06 Datasheet
423Kb / 48P
A/D with LCD Type 8-Bit MCU
February 14, 2006
HT46RU66 HOLTEK-HT46RU66 Datasheet
493Kb / 63P
A/D Type 8-Bit MCU with LCD
October 2, 2007
HT46RU67 HOLTEK-HT46RU67 Datasheet
496Kb / 67P
A/D Type 8-Bit MCU with LCD
HT46R64 HOLTEK-HT46R64_11 Datasheet
320Kb / 46P
A/D with LCD Type 8-Bit MCU
April 13, 2011
HT46R65 HOLTEK-HT46R65_11 Datasheet
321Kb / 46P
A/D with LCD Type 8-Bit MCU
April 13, 2011
HT46RU66 HOLTEK-HT46RU66_11 Datasheet
436Kb / 63P
A/D Type 8-Bit MCU with LCD
May 26, 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com