Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46C64 Datasheet(PDF) 22 Page - Holtek Semiconductor Inc

Part # HT46C64
Description  A/D with LCD Type 8-Bit MCU
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46C64 Datasheet(HTML) 22 Page - Holtek Semiconductor Inc

Back Button HT46C64 Datasheet HTML 18Page - Holtek Semiconductor Inc HT46C64 Datasheet HTML 19Page - Holtek Semiconductor Inc HT46C64 Datasheet HTML 20Page - Holtek Semiconductor Inc HT46C64 Datasheet HTML 21Page - Holtek Semiconductor Inc HT46C64 Datasheet HTML 22Page - Holtek Semiconductor Inc HT46C64 Datasheet HTML 23Page - Holtek Semiconductor Inc HT46C64 Datasheet HTML 24Page - Holtek Semiconductor Inc HT46C64 Datasheet HTML 25Page - Holtek Semiconductor Inc HT46C64 Datasheet HTML 26Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 47 page
background image
HT46R64/HT46C64
Rev. 1.40
22
September 21, 2004
PWM
Modulation Frequency
PWM Cycle
Frequency
PWM Cycle
Duty
fSYS/64 for (6+2) bits mode
fSYS/128 for (7+1) bits mode
fSYS/256
[PWM]/256
A/D Converter
The 8 channels and 10 bits resolution A/D (9 bits accu-
racy) converter are implemented in this microcontroller.
The reference voltage is VDD. The A/D converter con-
tains 4 special registers which are; ADRL (24H), ADRH
(25H), ADCR (26H) and ACSR (27H). The ADRH and
ADRL are A/D result register higher-order byte and
lower-order byte and are read-only. After the A/D con-
version is completed, the ADRH and ADRL should be
read to get the conversion result data. The ADCR is an
A/D converter control register, which defines the A/D
channel number, analog channel select, start A/D con-
version control bit and the end of A/D conversion flag. If
the users want to start an A/D conversion. Define PB
configuration, select the converted analog channel, and
give START bit a rising edge and falling edge (0
®1®0).
At the end of A/D conversion, the EOCB bit is cleared
and an A/D converter interrupt occurs. The ACSR is A/D
clock setting register, which is used to select the A/D
clock source.
The A/D converter control register is used to control the
A/D converter. The bit2~bit0 of the ADCR are used to
select an analog input channel. There are a total of eight
channels to select. The bit5~bit3 of the ADCR are used
to set PB configurations. PB can be an analog input or
as digital I/O line decided by these 3 bits. Once a PB line
is selected as an analog input, the I/O functions and
pull-high resistor of this I/O line are disabled and the A/D
converter circuit is powered-on. The EOCB bit (bit6 of
the ADCR) is end of A/D conversion flag. Check this bit
to know when A/D conversion is completed. The START
bit of the ADCR is used to begin the conversion of the
A/D converter. Giving START bit a rising edge and fall-
ing edge means that the A/D conversion has started. In
order to ensure that the A/D conversion is completed,
the START should remain at
²0² until the EOCB is
cleared to
²0² (end of A/D conversion).
The bit 7 of the ACSR is used for testing purposes only.
It can not be used by the users.
The bit1 and bit0 of the ACSR are used to select A/D
clock sources.
Label
(ACSR)
Bits
Function
ADCS0
ADCS1
0
1
Selects the A/D converter clock
source
00= system clock/2
01= system clock/8
10= system clock/32
11= undefined
¾
2~6 Unused bit, read as
²0²
TEST
7
For test mode used only
ACSR Register
Label
(ADCR)
Bits
Function
ACS0
ACS1
ACS2
0
1
2
Defines the analog channel select.
PCR0
PCR1
PCR2
3
4
5
Defines the port B configuration se-
lect. If PCR0, PCR1 and PCR2 are all
zero, the ADC circuit is power off to re-
duce power consumption
EOCB
6
Provides response at the end of the
A/D conversion.
(0= end of A/D conversion)
START
7
Starts the A/D conversion. (0
®1®0=
start; 0
®1= reset A/D converter)
ADCR Register
ACS2
ACS1
ACS0
Analog Channel
000
A0
001
A1
010
A2
011
A3
100
A4
101
A5
110
A6
111
A7
Analog Input Channel Selection
PCR2
PCR1
PCR0
76543
2
10
0
0
0
PB7
PB6
PB5
PB4
PB3
PB2
PB1
PB0
0
0
1
PB7
PB6
PB5
PB4
PB3
PB2
PB1
A0
0
1
0
PB7
PB6
PB5
PB4
PB3
PB2
A1
A0
0
1
1
PB7
PB6
PB5
PB4
PB3
A2
A1
A0
1
0
0
PB7
PB6
PB5
PB4
A3
A2
A1
A0
1
0
1
PB7
PB6
PB5
A4
A3
A2
A1
A0
1
1
0
PB7
PB6
A5
A4
A3
A2
A1
A0
1
1
1
A7A6A5A4A3
A2
A1A0
Port B Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com