Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46C64 Datasheet(PDF) 25 Page - Holtek Semiconductor Inc

Part # HT46C64
Description  A/D with LCD Type 8-Bit MCU
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46C64 Datasheet(HTML) 25 Page - Holtek Semiconductor Inc

Back Button HT46C64 Datasheet HTML 21Page - Holtek Semiconductor Inc HT46C64 Datasheet HTML 22Page - Holtek Semiconductor Inc HT46C64 Datasheet HTML 23Page - Holtek Semiconductor Inc HT46C64 Datasheet HTML 24Page - Holtek Semiconductor Inc HT46C64 Datasheet HTML 25Page - Holtek Semiconductor Inc HT46C64 Datasheet HTML 26Page - Holtek Semiconductor Inc HT46C64 Datasheet HTML 27Page - Holtek Semiconductor Inc HT46C64 Datasheet HTML 28Page - Holtek Semiconductor Inc HT46C64 Datasheet HTML 29Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 47 page
background image
HT46R64/HT46C64
Rev. 1.40
25
September 21, 2004
C O M 0 , C O M 1 , C O M 2
N o r m a l O p e r a t i o n M o d e
D u r i n g a R e s e t P u l s e
C O M 0 , C O M 1 , C O M 2
V L C D
1 / 2 V L C D
V S S
V L C D
1 / 2 V L C D
V S S
A l l L C D d r i v e r o u t p u t s
C O M 0
C O M 1
C O M 2 *
H A L T M o d e
V L C D
1 / 2 V L C D
V S S
V L C D
1 / 2 V L C D
V S S
V L C D
1 / 2 V L C D
V S S
V L C D
1 / 2 V L C D
V S S
V L C D
1 / 2 V L C D
V S S
V L C D
1 / 2 V L C D
V S S
V L C D
1 / 2 V L C D
V S S
V L C D
1 / 2 V L C D
V S S
V L C D
1 / 2 V L C D
V S S
V L C D
1 / 2 V L C D
V S S
V L C D
1 / 2 V L C D
V S S
V L C D
1 / 2 V L C D
V S S
V L C D
1 / 2 V L C D
V S S
*
*
*
N o t e : " * " O m i t t h e C O M 2 s i g n a l , i f t h e 1 / 2 d u t y L C D i s u s e d .
L C D s e g m e n t s O N
C O M 0 , 1 , 2 s i d e s a r e u n l i g h t e d
O n l y L C D s e g m e n t s O N
C O M 0 s i d e a r e l i g h t e d
O n l y L C D s e g m e n t s O N
C O M 1 s i d e a r e l i g h t e d
O n l y L C D s e g m e n t s O N
C O M 2 s i d e a r e l i g h t e d
L C D s e g m e n t s O N
C O M 0 , 1 s i d e s a r e l i g h t e d
L C D s e g m e n t s O N
C O M 0 , 2 s i d e s a r e l i g h t e d
L C D s e g m e n t s O N
C O M 1 , 2 s i d e s a r e l i g h t e d
L C D s e g m e n t s O N
C O M 0 , 1 , 2 s i d e s a r e l i g h t e d
A l l l c d d r i v e r o u t p u t s
LCD Driver Output (1/3 Duty, 1/2 Bias, R/C Type)
LCD Segments as Logical Output
The SEG0~SEG23 also can be optioned as logical out-
put, once an LCD segment is optioned as a logical out-
put, the content of bit0 of the related segment address in
LCD RAM will appear on the segment.
SEG0~SEG7 is together byte optioned as logical out-
put, SEG8~SEG15 are bit individually optioned as logi-
cal outputs.
LCD Type
R Type
C Type
LCD Bias
Type
1/2
bias
1/3
bias
1/2
bias
1/3 bias
VMAX
If VDD>VLCD, then
VMAX connect to VDD,
else VMAX connect to
VLCD
If VDD >
3
2
VLCD, then
VMAX connect to VDD,
else VMAX connect to
V1
Low Voltage Reset/Detector Functions
There is a low voltage detector (LVD) and a low voltage
reset circuit (LVR) implemented in the microcontroller.
These two functions can be enabled/disabled by op-
tions. Once the LVD options is enabled, the user can
use the RTCC.3 to enable/disable (1/0) the LVD circuit
and read the LVD detector status (0/1) from RTCC.5;
otherwise, the LVD function is disabled.
The LVR has the same effect or function with the exter-
nal RES signal which performs chip reset. During HALT
state, LVR is disabled both LVR and LVD are disabled.
The microcontroller provides low voltage reset circuit in
order to monitor the supply voltage of the device. If the
supply voltage of the device is within the range
0.9V~VLVR, such as changing a battery, the LVR will au-
tomatically reset the device internally.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com