Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46C64 Datasheet(PDF) 12 Page - Holtek Semiconductor Inc

Part # HT46C64
Description  A/D with LCD Type 8-Bit MCU
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46C64 Datasheet(HTML) 12 Page - Holtek Semiconductor Inc

Back Button HT46C64 Datasheet HTML 8Page - Holtek Semiconductor Inc HT46C64 Datasheet HTML 9Page - Holtek Semiconductor Inc HT46C64 Datasheet HTML 10Page - Holtek Semiconductor Inc HT46C64 Datasheet HTML 11Page - Holtek Semiconductor Inc HT46C64 Datasheet HTML 12Page - Holtek Semiconductor Inc HT46C64 Datasheet HTML 13Page - Holtek Semiconductor Inc HT46C64 Datasheet HTML 14Page - Holtek Semiconductor Inc HT46C64 Datasheet HTML 15Page - Holtek Semiconductor Inc HT46C64 Datasheet HTML 16Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 47 page
background image
HT46R64/HT46C64
Rev. 1.40
12
September 21, 2004
set, a subroutine call to location 14H occurs. The related
interrupt request flag (TBF) is reset and the EMI bit is
cleared to disable further maskable interrupts.
The real time clock interrupt is initialized by setting the
real time clock interrupt request flag (RTF; bit 6 of
INTC1), that is caused by a regular real time clock sig-
nal. After the interrupt is enabled, and the stack is not
full, and the RTF bit is set, a subroutine call to location
18H occurs. The related interrupt request flag (RTF) is
reset and the EMI bit is cleared to disable further
maskable interrupts.
During the execution of an interrupt subroutine, other
maskable interrupt acknowledgments are all held until
the
²RETI² instruction is executed or the EMI bit and the
related interrupt control bit are set both to 1 (if the stack
is not full). To return from the interrupt subroutine,
²RET²
or
²RETI² may be invoked. RETI sets the EMI bit and en-
ables an interrupt service, but RET does not.
Interrupts occurring in the interval between the rising
edges of two consecutive T2 pulses are serviced on the
latter of the two T2 pulses if the corresponding interrupts
are enabled. In the case of simultaneous requests, the
priorities in the following table apply. Except for A/D con-
verter interrupt (NMI). These can be masked by reset-
ting the EMI bit.
Interrupt Source
Priority
Vector
External interrupt 0
2
04H
External interrupt 1
3
08H
Timer/Event Counter 0 overflow
4
0CH
Timer/Event Counter 1 overflow
5
10H
Time base interrupt
6
14H
Real time clock interrupt
7
18H
A/D converter interrupt (This is a
Non-Maskable Interrupt: NMI)
1
1CH
The Timer/Event Counter 0 interrupt request flag (T0F),
external interrupt 1 request flag (EIF1), external inter-
rupt 0 request flag (EIF0), enable Timer/Event Counter
0 interrupt bit (ET0I), enable external interrupt 1 bit
(EEI1), enable external interrupt 0 bit (EEI0), enable
master interrupt bit (EMI), and enable control the A/D
converter interrupt (EADI) make up of the Interrupt Con-
trol register 0 (INTC0) which is located at 0BH in the
RAM. The real time clock interrupt request flag (RTF),
time base interrupt request flag (TBF), Timer/Event
Counter 1 interrupt request flag (T1F), enable real time
clock interrupt bit (ERTI), and enable time base interrupt
bit (ETBI), enable Timer/Event Counter 1 interrupt bit
(ET1I) on the other hand, constitute the Interrupt Control
register 1 (INTC1) which is located at 1EH in the RAM.
EMI, EEI0, EEI1, ET0I, ET1I, ETBI, and ERTI are all
used to control the enable/disable status of interrupts.
These bits prevent the requested interrupt from being
serviced. Once the interrupt request flags (RTF, TBF,
T0F, T1F, EIF1, EIF0) are all set, they remain in the
INTC1 or INTC0 respectively until the interrupts are ser-
viced or cleared by a software instruction.
It is recommended that a program should not use the
²CALL subroutine² within the interrupt subroutine. It¢sbe-
cause interrupts often occur in an unpredictable manner
or require to be serviced immediately in some applica-
tions. During that period, if only one stack is left, and en-
abling the interrupt is not well controlled, operation of the
²call² in the interrupt subroutine may damage the origi-
nal control sequence.
Oscillator Configuration
The device provides three oscillator circuits for system
clocks, i.e., RC oscillator, crystal oscillator and 32768Hz
crystal oscillator, determined by options. No matter what
type of oscillator is selected, the signal is used for the
system clock. The HALT mode stops the system oscilla-
tor (RC and crystal oscillator only) and ignores external
signal in order to conserve power. The 32768Hz crystal
oscillator still runs at HALT mode. If the 32768Hz crystal
oscillator is selected as the system oscillator, the system
oscillator is not stopped; but the instruction execution is
stopped. Since the 32768Hz oscillator is also designed
for timing purposes, the internal timing (RTC, time base,
WDT) operation still runs even if the system enters the
HALT mode.
Of the three oscillators, if the RC oscillator is used, an
external resistor between OSC1 and VSS is required,
and the range of the resistance should be from 30k
W to
750k
W. The system clock, divided by 4, is available on
C r y s t a l O s c i l l a t o r
R C O s c i l l a t o r
O S C 1
O S C 1
O S C 2
f S Y S / 4
O S C 2
3 2 7 6 8 H z C r y s t a l / R T C O s c i l l a t o r
O S C 3
O S C 4
V D D
4 7 0 p F
System Oscillator
Note: *32768Hz crystal enable condition: For WDT clock source or for system clock source.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com