Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES1022SI Datasheet(PDF) 5 Page - Altera Corporation

Part # ES1022SI
Description  Adjustable Quad Sequencer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

ES1022SI Datasheet(HTML) 5 Page - Altera Corporation

  ES1022SI Datasheet HTML 1Page - Altera Corporation ES1022SI Datasheet HTML 2Page - Altera Corporation ES1022SI Datasheet HTML 3Page - Altera Corporation ES1022SI Datasheet HTML 4Page - Altera Corporation ES1022SI Datasheet HTML 5Page - Altera Corporation ES1022SI Datasheet HTML 6Page - Altera Corporation ES1022SI Datasheet HTML 7Page - Altera Corporation ES1022SI Datasheet HTML 8Page - Altera Corporation ES1022SI Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Page 5
Enpirion Power Datasheet ES1022SI Adjustable Quad Sequencer
May 2014
Altera Corporation
Functional Block Diagram
Functional Description
ES1022SI provides four delay adjustable sequenced outputs while monitoring a single distributed voltage in the nominal
range of 3.3V to 24V for both under and overvoltage. Only when the voltage is in compliance will the ES1022SI initiate the
pre-programmed A-B-C-D sequence of the EN outputs. Although this IC has a bias range of 3.3V to 24V it can monitor any
voltage >1.22V via the external divider if a suitable bias voltage is otherwise provided.
During initial bias voltage (VIN) application the ES1022SI EN outputs are held low once VIN =1V. Once VIN > the V bias
power on reset threshold (POR) of 2.8V, VIN is constantly monitored for compliance via the input voltage resistor divider
and the voltages on the UV and OV pins and reported by the FAULT output. Internally, voltage regulators generate 3.5V
and 1.17V ±5% voltage rails for internal usage once VIN > POR. Once UV > 1.22V and with the SEQ_EN pin high or open,
the auto sequence of the four EN outputs begins as the TIME pin charges its external capacitor with a 2.6µA current source.
The voltage on TIME is compared to the internal reference (VTIME_VTH) comparator input and when greater than VTIME_VTH
the EN_A is released to go high via an external pull-up resistor or a pull-up in a DC/DC convertor EN input, for example.
The time delay generated by the external capacitor is to assure continued voltage compliance within the programmed
limits, as during this time any OV or UV condition will halt the start-up process. TIME cap is discharged once VTIME_VTH is
met.
BIAS
IC Supply Current
IVIN_3.3V
VIN = 3.3V
-
191
-
μA
IVIN_12V
VIN = 12V
-
246
400
μA
IVIN_24V
VIN = 24V
-
286
-
μA
VIN Power On Reset
VIN_POR
VIN low to high
-
2.3
2.8
V
Electrical Specifications
Nominal VIN = 3.3V to +24V, TA = TJ = -40°C to+85°C, Unless Otherwise Specified. (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN
VOLTAGE
1.17V
INTERNAL VOLTAGE
REGULATOR
VIN (2.8V MIN - 27V MAX)
2.0V VIN POR
3.5V
LOGIC
VIN
PROGRAMMABLE
DELAY TIMER
VTIME_VTH
2.6
μA
VIN
TDLY_AB TDLY_BC TDLY_CD
EN_A
EN_B
EN_C
EN_D
TIME
GND
FAULT
SEQ_EN
UV
OV
+
-
-
+
eo
VREF
30
μs
REFERENCE
10037
May 28, 2014
Rev A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com