Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES1022SI Datasheet(PDF) 8 Page - Altera Corporation

Part # ES1022SI
Description  Adjustable Quad Sequencer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

ES1022SI Datasheet(HTML) 8 Page - Altera Corporation

Back Button ES1022SI Datasheet HTML 4Page - Altera Corporation ES1022SI Datasheet HTML 5Page - Altera Corporation ES1022SI Datasheet HTML 6Page - Altera Corporation ES1022SI Datasheet HTML 7Page - Altera Corporation ES1022SI Datasheet HTML 8Page - Altera Corporation ES1022SI Datasheet HTML 9Page - Altera Corporation ES1022SI Datasheet HTML 10Page - Altera Corporation ES1022SI Datasheet HTML 11Page - Altera Corporation ES1022SI Datasheet HTML 12Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Page 8
Enpirion Power Datasheet ES1022SI Adjustable Quad Sequencer
May 2014
Altera Corporation
For the above example, with Vtol = 0.99V, assuming a 100µA Iload at VIN = 12V:
Rl = 10.7k
Ω
Rm = 1.9k
Ω
Ru = 107.3k
Ω
Typical Performance Curves
FIGURE 4. UV/OV RISING THRESHOLD
FIGURE 5. VIN CURRENT
FIGURE 2. ES1022SI OPERATIONAL DIAGRAM
EN OUTPUTS
AB
C
D
FAULT
A
B
C
D
SEQ_EN
TIME
FIGURE 3. ES1022SI FAULT OPERATIONAL DIAGRAM
UNDERVOLTAGE
OVERVOLTAGE
MONITORED VOLTAGE
FAULT OUTPUT
tFLTH
LIMIT
LIMIT
RAMPING UP AND DOWN
tFLTH
tFLTL
tFLTL
<tFLTH
1.198
1.199
1.200
1.201
1.202
1.203
1.204
1.205
1.206
1.207
1.208
-40
-10
0
25
60
85
100
TEMP (°C)
VIN = 2.5V
VIN = 12V
VIN = 24V
150
170
190
210
230
250
270
290
310
-40
-10
0
25
60
85
100
TEMP (°C)
VIN = 12V
VIN = 24V
VIN = 2.5V
10037
May 28, 2014
Rev A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com