Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES1022SI Datasheet(PDF) 1 Page - Altera Corporation

Part # ES1022SI
Description  Adjustable Quad Sequencer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

ES1022SI Datasheet(HTML) 1 Page - Altera Corporation

  ES1022SI Datasheet HTML 1Page - Altera Corporation ES1022SI Datasheet HTML 2Page - Altera Corporation ES1022SI Datasheet HTML 3Page - Altera Corporation ES1022SI Datasheet HTML 4Page - Altera Corporation ES1022SI Datasheet HTML 5Page - Altera Corporation ES1022SI Datasheet HTML 6Page - Altera Corporation ES1022SI Datasheet HTML 7Page - Altera Corporation ES1022SI Datasheet HTML 8Page - Altera Corporation ES1022SI Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
May 2014
Altera Corporation
© 2014 Altera Corporation. All rights reserved. ALTERA, ARRIA, CYCLONE, ENPIRION, HARDCOPY, MAX, MEGACORE,
NIOS, QUARTUS and STRATIX words and logos are trademarks of Altera Corporation and registered in the U.S. Patent and
Trademark Office and in other countries. All other words and logos identified as trademarks or service marks are the property of
their respective holders as described at www.altera.com/common/legal.html. Altera warrants performance of its semiconductor
products to current specifications in accordance with Altera's standard warranty, but reserves the right to make changes to any
products and services at any time without notice. Altera assumes no responsibility or liability arising out of the application or use
of any information, product, or service described herein except as expressly agreed to in writing by Altera. Altera customers are
advised to obtain the latest version of device specifications before relying on any published information and before placing orders
for products or services.
101 Innovation Drive
San Jose, CA 95134
www.altera.com
Subscribe
ISO
9001:2008
Registered
ES1022SI
Datasheet
The ES1022SI IC provides four delay adjustable
sequenced outputs while monitoring an input voltage all
with a minimum of external components.
High performance DSP, FPGA, µP and various sub-
systems require input power sequencing for proper
functionality at initial power up and the ES1022SI
provides this function while monitoring the distributed
voltage for over and undervoltage compliance.
This IC operates over the +3.3V to +24V nominal voltage
range. It has a user adjustable time from UV and OV
voltage compliance to sequencing start via an external
capacitor when in auto start mode and adjustable time
delay to subsequent EN output signal via external
resistors.
Additionally, the ES1022SI provides I/O for sequencing
on and off operation (SEQ_EN) and for voltage window
compliance reporting (FAULT) over the +3.3V to +24V
nominal voltage range.
Easily daisy chained for more than 4 sequenced signals.
Altogether, the ES1022SI provides these adjustable
features with a minimum of external BOM. See Figure 1
for typical implementation.
Features
• Adjustable Delay to Subsequent EN Signal
• Adjustable Delay to Sequence Auto Start
• Adjustable Distributed Voltage Monitoring
• Under and Overvoltage Adjustable Delay to Auto
Start Sequence
• I/O Options: EN and SEQ_EN
• Voltage Compliance Fault Output
• Pb-Free Plus Anneal Available (RoHS Compliant)
Applications
• Power Supply Sequencing
• System Timing Function
FIGURE 1. ES1022SI IMPLEMENTATION
EN_A
UV
OV
VIN
FAULT
SEQ_EN
EN_B
EN_C
EN_D
3.3-24V
DC/DC
EN
DC/DC
EN
DC/DC
EN
DC/DC
EN
Vo1
Vo2
Vo3
V04
Ru
Rm
Rl
GND
TDLY_AB
TDLY_BC
TDLY_CD
TIME
Enpirion® Power Datasheet
ES1022SI Adjustable Quad Sequencer
10037
May 28, 2014
Rev A


Similar Part No. - ES1022SI

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
ES1021QI ALTERA-ES1021QI Datasheet
904Kb / 14P
Power Sequencing Controller
More results

Similar Description - ES1022SI

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1185 AD-ADM1185 Datasheet
233Kb / 12P
Quad Voltage Monitor and Sequencer
ADM1185 AD-ADM1185_07 Datasheet
320Kb / 16P
Quad Voltage Monitor and Sequencer
3/07-Revision 0
logo
Linear Technology
LTC2924 LINER-LTC2924 Datasheet
531Kb / 20P
Quad Power Supply Sequencer
logo
Intersil Corporation
ISL8700 INTERSIL-ISL8700 Datasheet
295Kb / 13P
Adjustable Quad Sequencer
March 21, 2008
ISL8700AIBZ INTERSIL-ISL8700AIBZ Datasheet
289Kb / 12P
Adjustable Quad Sequencer
ISL8702IBZ-T INTERSIL-ISL8702IBZ-T Datasheet
295Kb / 13P
Adjustable Quad Sequencer
logo
Analog Devices
ADM1185 AD-ADM1185_15 Datasheet
299Kb / 16P
Quad Voltage Monitor and Sequencer
REV. B
logo
Linear Technology
LTC2924 LINER-LTC2924_15 Datasheet
365Kb / 22P
Quad Power Supply Sequencer
logo
Intersil Corporation
ISL8700A INTERSIL-ISL8700A Datasheet
287Kb / 12P
Adjustable Quad Sequencer
October 12, 2006
logo
Renesas Technology Corp
ISL8700 RENESAS-ISL8700 Datasheet
656Kb / 13P
Adjustable Quad Sequencer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com