Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES1022SI Datasheet(PDF) 7 Page - Altera Corporation

Part # ES1022SI
Description  Adjustable Quad Sequencer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

ES1022SI Datasheet(HTML) 7 Page - Altera Corporation

Back Button ES1022SI Datasheet HTML 3Page - Altera Corporation ES1022SI Datasheet HTML 4Page - Altera Corporation ES1022SI Datasheet HTML 5Page - Altera Corporation ES1022SI Datasheet HTML 6Page - Altera Corporation ES1022SI Datasheet HTML 7Page - Altera Corporation ES1022SI Datasheet HTML 8Page - Altera Corporation ES1022SI Datasheet HTML 9Page - Altera Corporation ES1022SI Datasheet HTML 10Page - Altera Corporation ES1022SI Datasheet HTML 11Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Page 7
Enpirion Power Datasheet ES1022SI Adjustable Quad Sequencer
May 2014
Altera Corporation
reference voltage, (VTIME_VTH) the EN_A output is released out of its reset state. The capacitor value for a desired delay (±10%)
to EN_A once VIN and SEQ_EN where applicable has been satisfied is determined by:
CTIME = tVINSEQpd/770kΩ
Once EN_A reaches VTIME_VTH, the TIME pin is pulled low in preparation for a sequenced off signal via SEQ_EN. At this
time, the sequencing of the subsequent outputs is started. EN_B is released out of reset after a programmable time, then
EN_C, then EN_D, all with their own programmed delay times.
The subsequent delay times are programmed with a single external resistor for each EN output providing maximum
flexibility to the designer through the choice of the resistor value connected from TDLY_AB, TDLY_BC and TDLY_CD pins
to GND. The resistor values determine the charge and discharge rate of an internal capacitor comprising an RC time
constant for an oscillator whose output is fed into a counter generating the timing delay to EN output sequencing.
The RTX value for a given delay time is defined as:
RTX = tdel/1667nF
An Advanced Tutorial on Setting UV and OV Levels
This section discusses in additional detail the nuances of setting the UV and OV levels, providing more insight into the
ES1022SI than the earlier text.
The following equation set can alternatively be used to work out ideal values for a 3 resistor divider string of Ru, Rm and Rl.
These equations assume that VREF is the center point between VUVRvth and VUVFvth (i.e. (VUVRvth + VUVFvth)/2 = 1.17V), Iload
is the load current in the resistor string (i.e. VIN /(Ru + Rm + Rl)), VIN is the nominal input voltage and Vtol is the acceptable
voltage tolerance, such that the UV and OV thresholds are centered at VIN ± Vtol. The actual acceptable voltage window will
also be affected by the hysteresis at the UV and OV pins. This hysteresis is amplified by the resistor string such that the
hysteresis at the top of the string is:
Vhys = VUVhys x VOUT/VREF
This means that the VIN ± Vtol thresholds will exhibit hysteresis resulting in thresholds of VIN + Vtol ± Vhys/2 and VIN
- Vtol ± Vhys/2.
There is a window between the VIN rising UV threshold and the VIN falling OV threshold where the input level is
guaranteed not to be detected as a fault. This window exists between the limits VIN ± (Vtol - Vhys/2). There is an
extension of this window in each direction up to VIN ± (Vtol + Vhys/2), where the voltage may or may not be detected
as a fault, depending on the direction from which it is approached. These two equations may be used to determine the
required value of Vtol for a given system. For example, if VIN is 12V, Vhys = (0.1 x 12)/1.17 = 1.03V. If VIN must remain
within 12V ± 1.5V, Vtol = 1.5 - 1.03/2 = 0.99V. This will give a window of 12 ±0.48V where the system is guaranteed not
to be in fault and a limit of 12 ±1.5V beyond which the system is guaranteed to be in fault.
It is wise to check both these voltages, for if the latter is made to tight, the former will cease to exist. This point comes when
Vtol < Vhys/2 and results from the fact that the acceptable window for the OV pin no longer aligns with the acceptable
window for the UV pin. In this case, the application will have to be changed such that UV and OV are provided separate
resistor strings. In this case, the UV and OV thresholds can be individually controlled by adjusting the relevant divider.
The previous example will give voltage thresholds of:
with VIN rising
UVr = VIN - Vtol + Vhys/2 = 11.5V and
OVr = VIN + Vtol + Vhys/2 = 13.5V
with VIN falling
Ovf = VIN + Vtol - Vhys/2 = 12.5V and
UVf = VIN - Vtol - Vhys/2 = 10.5V.
So with a single three resistor string, the resistor values can be calculated as:
Rl = (VREF/Iload) (1 - Vtol/VIN)
Rm = 2(VREF x Vtol)/(VIN x Iload)
Ru = 1/Iload x (VIN - VREF (1+Vtol/VIN))
10037
May 28, 2014
Rev A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com