Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES1022SI Datasheet(PDF) 14 Page - Altera Corporation

Part # ES1022SI
Description  Adjustable Quad Sequencer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

ES1022SI Datasheet(HTML) 14 Page - Altera Corporation

Back Button ES1022SI Datasheet HTML 6Page - Altera Corporation ES1022SI Datasheet HTML 7Page - Altera Corporation ES1022SI Datasheet HTML 8Page - Altera Corporation ES1022SI Datasheet HTML 9Page - Altera Corporation ES1022SI Datasheet HTML 10Page - Altera Corporation ES1022SI Datasheet HTML 11Page - Altera Corporation ES1022SI Datasheet HTML 12Page - Altera Corporation ES1022SI Datasheet HTML 13Page - Altera Corporation ES1022SI Datasheet HTML 14Page - Altera Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
Enpirion Power Datasheet ES1022SI Adjustable Quad Sequencer
May 2014
Altera Corporation
Page 14
Small Outline Plastic Packages (SOIC)
NOTES:
1. Symbols are defined in the “MO Series Symbol List” in Section 2.2 of Publica-
tion Number 95.
2. Dimensioning and tolerancing per ANSI Y14.5M-1982.
3. Dimension “D” does not include mold flash, protrusions or gate burrs. Mold
flash, protrusion and gate burrs shall not exceed 0.15mm (0.006 inch) per
side.
4. Dimension “E” does not include interlead flash or protrusions. Interlead flash
and protrusions shall not exceed 0.25mm (0.010 inch) per side.
5. The chamfer on the body is optional. If it is not present, a visual index feature
must be located within the crosshatched area.
6. “L” is the length of terminal for soldering to a substrate.
7. “N” is the number of terminal positions.
8. Terminal numbers are shown for reference only.
9. The lead width “B”, as measured 0.36mm (0.014 inch) or greater above the
seating plane, shall not exceed a maximum value of 0.61mm (0.024 inch).
10. Controlling dimension: MILLIMETER. Converted inch dimensions are not nec-
essarily exact.
INDEX
AREA
E
D
N
12
3
-B-
0.25(0.010)
C
A
M
BS
e
-A-
L
B
M
-C-
A1
A
SEATING PLANE
0.10(0.004)
h x 45o
C
H
0.25(0.010)
B
M
M
α
M14.15
(JEDEC MS-012-AB ISSUE C)
14 LEAD NARROW BODY SMALL OUTLINE PLASTIC PACKAGE
SYMBOL
INCHES
MILLIMETERS
NOTES
MIN
MAX
MIN
MAX
A
0.0532
0.0688
1.35
1.75
-
A1
0.0040
0.0098
0.10
0.25
-
B
0.013
0.020
0.33
0.51
9
C
0.0075
0.0098
0.19
0.25
-
D
0.3367
0.3444
8.55
8.75
3
E
0.1497
0.1574
3.80
4.00
4
e
0.050 BSC
1.27 BSC
-
H
0.2284
0.2440
5.80
6.20
-
h
0.0099
0.0196
0.25
0.50
5
L
0.016
0.050
0.40
1.27
6
N14
14
7
a
0o
8o
0o
8o
-
Rev. 0 12/93
10037
May 28, 2014
Rev A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com