Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES1022SI Datasheet(PDF) 4 Page - Altera Corporation

Part # ES1022SI
Description  Adjustable Quad Sequencer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

ES1022SI Datasheet(HTML) 4 Page - Altera Corporation

  ES1022SI Datasheet HTML 1Page - Altera Corporation ES1022SI Datasheet HTML 2Page - Altera Corporation ES1022SI Datasheet HTML 3Page - Altera Corporation ES1022SI Datasheet HTML 4Page - Altera Corporation ES1022SI Datasheet HTML 5Page - Altera Corporation ES1022SI Datasheet HTML 6Page - Altera Corporation ES1022SI Datasheet HTML 7Page - Altera Corporation ES1022SI Datasheet HTML 8Page - Altera Corporation ES1022SI Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Page 4
Enpirion Power Datasheet ES1022SI Adjustable Quad Sequencer
May 2014
Altera Corporation
Absolute Maximum Ratings
Thermal Information
VIN, EN, FAULT . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27V, to -0.3V
TIME, TDLY_AB, TDLY_BC, TDLY_CD, UV, OV .+6V, to -0.3V
SEQ_EN . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VIN+0.3V, to -0.3V
EN Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10mA
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
Supply Voltage Range (Nominal) . . . . . . . . . . . . . . 3.3V to 24V
Thermal Resistance (Typical, Note 2) . . . . . . . . . . .
θJA (°C/W)
14 Ld SOIC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 110
Maximum Junction Temperature (Plastic Package)
+125°C
Maximum Storage Temperature Range . . . . . . -65°C to +150°C
Maximum Lead Temperature (Soldering 10s) . . . . . . . . +300°C
(SOIC Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of
the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
2.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air.
Electrical Specifications
Nominal VIN = 3.3V to +24V, TA = TJ = -40°C to+85°C, Unless Otherwise Specified.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
UV AND OV INPUTS
UV/OV Rising Threshold
VUVRvth
1.16
1.21
1.28
V
UV/OV Falling Threshold
VUVFvth
1.06
1.10
1.18
V
UV/OV Hysteresis
VUVhys
VUVRvth - VUVFvth
-104
-
mV
UV/OV Input Current
IUV
-10-
nA
TIME, EN OUTPUTS
TIME Pin Charging Current
ITIME
-2.6
-
μA
TIME Pin Threshold
VTIME_VTH
1.9
2.0
2.25
V
Time from VIN Valid to EN_A
tVINSEQpd
SEQ_EN = high, CTIME = open
-
30
-
μs
tVINSEQpd_10
SEQ_EN = high, CTIME = 10nF
-
7.7
-
ms
tVINSEQpd500
SEQ_EN = high, CTIME = 500nF
-
435
-
ms
Time from VIN Invalid to Shutdown
tshutdown
UV or OV to simultaneous shutdown
-
-
1
μs
EN Output Resistance
REN
IEN = 1mA
-100
-
Ω
EN Output Low
Vol
IEN = 1mA
-0.1
-
V
EN Pull-down Current
Ipulld
EN = 1V
10
15
-
mA
Delay to Subsequent EN Turn-on/off
tdel_120
RTX = 120k
Ω
155
195
240
ms
tdel_3
RTX = 3k
Ω
3.5
4.7
6
ms
tdel_0
RTX = 0
Ω
-0.5
-
ms
SEQUENCE EN AND FAULT I/O
VIN Valid to FAULT Low
tFLTL
15
30
50
μs
VIN Invalid to FAULT High
tFLTH
-0.5
-
μs
FAULT Pull-down Current
FAULT = 1V
10
15
-
mA
SEQ_EN Pull-up Voltage
VSEQ
SEQ_EN open
-
2.4
-
V
SEQ_EN Low Threshold Voltage
VilSEQ_EN
--
0.3
V
SEQ_EN High Threshold Voltage
VihSEQ_EN
1.2
-
-
V
Delay to EN_A Deasserted
tSEQ_EN_ENA
SEQ_EN low to EN_A low
-
0.2
1
μs
10037
May 28, 2014
Rev A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com