Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES1022SI Datasheet(PDF) 12 Page - Altera Corporation

Part # ES1022SI
Description  Adjustable Quad Sequencer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

ES1022SI Datasheet(HTML) 12 Page - Altera Corporation

Back Button ES1022SI Datasheet HTML 6Page - Altera Corporation ES1022SI Datasheet HTML 7Page - Altera Corporation ES1022SI Datasheet HTML 8Page - Altera Corporation ES1022SI Datasheet HTML 9Page - Altera Corporation ES1022SI Datasheet HTML 10Page - Altera Corporation ES1022SI Datasheet HTML 11Page - Altera Corporation ES1022SI Datasheet HTML 12Page - Altera Corporation ES1022SI Datasheet HTML 13Page - Altera Corporation ES1022SI Datasheet HTML 14Page - Altera Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Page 12
Enpirion Power Datasheet ES1022SI Adjustable Quad Sequencer
May 2014
Altera Corporation
.
TABLE 1. EVB-ES1022SI LEFT CHANNEL COMPONENT LISTING
COMPONENT
DESIGNATOR
COMPONENT FUNCTION
COMPONENT DESCRIPTION
U1
ES1022SI, Quad Under/Overvoltage Sequencer
Altera Enpirion, ES1022SI, Quad Under/Overvoltage Sequencer
R3
UV Resistor for Divider String
1.1k
Ω 1%, 0603
R2
VMONITOR Resistor for Divider String
88.7k
Ω1%, 0603
R5
OV Resistor for Divider String
9.1k
Ω 1%, 0603
C1
CTIME Sets Delay from Sequence Start to First EN
0.01
μF, 0603
R1
RTDLY_CD Sets Delay from Third to Fourth EN
120k
Ω1%, 0603
R9
RTDLY_AB Sets Delay from First to Second EN
3.01k
Ω1%, 0603
R7
RTDLY_BC Sets Delay from Second to Third EN
51k
Ω1%, 0603
R4, R6, R8, R10, R11
EN_X and FAULT Pull-up Resistors
4k
Ω10%, 0402
C3
Decoupling Capacitor
1
μF, 0603
FIGURE 15. EVB-ES1022SI PHOTOGRAPH AND SCHEMATIC OF LEFT CHANNEL
TIMING
COMPONENTS
RESISTORS
UV/OV SET
RESISTORS
PULL-UP
EN_A
EN_B
EN_C
EN_D
ES1022SI
TDLY_CD
TDLY_BC
TDLY_AB
10037
May 28, 2014
Rev A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com