Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES1022SI Datasheet(PDF) 3 Page - Altera Corporation

Part # ES1022SI
Description  Adjustable Quad Sequencer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

ES1022SI Datasheet(HTML) 3 Page - Altera Corporation

  ES1022SI Datasheet HTML 1Page - Altera Corporation ES1022SI Datasheet HTML 2Page - Altera Corporation ES1022SI Datasheet HTML 3Page - Altera Corporation ES1022SI Datasheet HTML 4Page - Altera Corporation ES1022SI Datasheet HTML 5Page - Altera Corporation ES1022SI Datasheet HTML 6Page - Altera Corporation ES1022SI Datasheet HTML 7Page - Altera Corporation ES1022SI Datasheet HTML 8Page - Altera Corporation ES1022SI Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Page 3
Enpirion Power Datasheet ES1022SI Adjustable Quad Sequencer
May 2014
Altera Corporation
Pinout
ES1022SI
(14 LD SOIC)
TOP VIEW
Pin Descriptions
Pin
Number
PIN NAME
FUNCTION DESCRIPTION
1
EN_D
EN output D. Active high open drain sequenced output. Sequenced on after EN_C and first output to sequence off. Pulls low
with VIN < 1V.
2
EN_C
EN output C. Active high open drain sequenced output. Sequenced on after EN_B and sequenced off after EN_D. Pulls low
with VIN < 1V.
3
EN_B
EN output B. Active high open drain sequenced output. Sequenced on after EN_A and sequenced off after EN_C. Pulls low
with VIN < 1V.
4
EN_A
EN output A. Active high open drain sequenced output. Sequenced on after CTIME period and sequenced off after EN_B. Pulls
low with VIN < 1V.
5
OV
The voltage on this pin must be under its 1.22V Vth or the four EN outputs will be immediately pulled down.
6
UV
The voltage on this pin must be over its 1.22V Vth or the four EN outputs will be immediately pulled down.
7
GND
IC ground.
8
FAULT
The VIN voltage when not within the desired UV to OV window will cause FAULT to be released to be pulled high to a voltage
equal to or less than VIN via an external resistor.
9
SEQ_EN
This pin provides a sequence on signal input with a high input. Internally pulled high to ~2.4V.
10
TIME
This pin provides a 2.6µA current output so that an adjustable VIN valid to sequencing on and off start delay period is created
with a capacitor to ground.
11
TDLY_AB
A resistor connected from this pin to ground determines the time delay from EN_A being active to EN _B being active on turn-
on and also going inactive on turn-off via the SEQ_EN input.
12
TDLY_BC
A resistor connected from this pin to ground determines the time delay from EN_B being active to EN _C being active on turn-
on and also going inactive on turn-off via the SEQ_EN input.
13
TDLY_CD
A resistor connected from this pin to ground determines the time delay from EN_C being active to EN _D being active on turn-
on and also going inactive on turn-off via the SEQ_EN input.
14
VIN
IC Bias Pin Nominally 3.3V to 24V
This pin requires a 1
μF decoupling capacitor close to IC pin.
EN_D
EN_C
EN_B
EN_A
1
2
3
4
5
VIN
TDLY_CD
TDLY_BC
TDLY_AB
6
7
8
9
14
TIME
SEQ_EN
FAULT
OV
UV
GND
13
12
11
10
10037
May 28, 2014
Rev A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com