Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES1022SI Datasheet(PDF) 11 Page - Altera Corporation

Part # ES1022SI
Description  Adjustable Quad Sequencer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

ES1022SI Datasheet(HTML) 11 Page - Altera Corporation

Back Button ES1022SI Datasheet HTML 6Page - Altera Corporation ES1022SI Datasheet HTML 7Page - Altera Corporation ES1022SI Datasheet HTML 8Page - Altera Corporation ES1022SI Datasheet HTML 9Page - Altera Corporation ES1022SI Datasheet HTML 10Page - Altera Corporation ES1022SI Datasheet HTML 11Page - Altera Corporation ES1022SI Datasheet HTML 12Page - Altera Corporation ES1022SI Datasheet HTML 13Page - Altera Corporation ES1022SI Datasheet HTML 14Page - Altera Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Page 11
Enpirion Power Datasheet ES1022SI Adjustable Quad Sequencer
May 2014
Altera Corporation
Application Recommendations
Best practices VIN decoupling is required, a 1μF capacitor is recommended.
Coupling from the EN_X pins to the sensitive UV and OV pins can cause false OV/UV events to be detected. This is
relevant due to the EN_A and OV pins being adjacent. This coupling can be reduced by adding a ground trace
between UV and the EN/FAULT signals, as shown in Figure 14. The PCB traces on OV and UV should be kept as small
as practical and the EN_X and FAULT traces should ideally not be routed under/over the OV/UV traces on different
PCB layers unless there is a ground or power plane in between. Other methods that can be used to eliminate this issue
are by reducing the value of the resistors in the network connected to UV and OV (R2, R3, R5 in Figure 15) or by
adding small decoupling capacitors to OV and UV (C2 and C7 in Figure 15). Both these methods act to reduce the AC
impedance at the nodes, although the latter method acts to filter the signals which will also cause an increase in the
time that a UV/OV fault takes to be detected
.
When the ES1022SI is implemented on a hot swappable card that is plugged into an always powered passive back
plane an RC filter is required on the VIN pin to prevent a high dv/dt transient. With the already existing 1μF decoupling
capacitor the addition of a small series R (>50
Ω) to provide a time constant >50μs is all that is necessary.
FIGURE 14. LAYOUT DETAIL OF GND BETWEEN PINS 4 AND 5
PIN 4
PIN 5
GND
10037
May 28, 2014
Rev A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com