Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCS2001 Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCS2001
Description  0.9 V, Rail-to-Rail, Single Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCS2001 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCS2001 Datasheet HTML 2Page - ON Semiconductor NCS2001 Datasheet HTML 3Page - ON Semiconductor NCS2001 Datasheet HTML 4Page - ON Semiconductor NCS2001 Datasheet HTML 5Page - ON Semiconductor NCS2001 Datasheet HTML 6Page - ON Semiconductor NCS2001 Datasheet HTML 7Page - ON Semiconductor NCS2001 Datasheet HTML 8Page - ON Semiconductor NCS2001 Datasheet HTML 9Page - ON Semiconductor NCS2001 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
NCS2001
http://onsemi.com
6
1
0
1.0 k
f, Frequency (Hz)
2
3
4
5
6
10 k
100 k
1.0 M
0
10
20
30
40
50
60
70
80
10
100
1.0 k
10 k
100 k
1.0 M
10 M
f, Frequency (Hz)
VS = ±1.5 V
f, Frequency (Hz)
Figure 8. Output Voltage vs. Frequency
Figure 9. Common Mode Rejection
vs. Frequency
Figure 10. Power Supply Rejection
vs. Frequency
Figure 11. Output Short Circuit Sinking
Current vs. Supply Voltage
VS = ±2.5 V
VS = ±0.5 V
AV = 1.0
RL = 10 k
TA = 25°C
VCC = 2.5 V
VEE = −2.5 V
TA = 25°C
VS, Supply Voltage (V)
TA = 125°C
TA = 25°C
TA = −55°C
Figure 12. Output Short Circuit Sourcing
Current vs. Supply Voltage
Figure 13. Supply Current vs. Supply Voltage
100
10
100
1.0 k
10 k
100 k
1.0 M
10 M
80
60
40
20
0
PSR +
PSR −
VCC = 2.5 V
VEE = −2.5 V
TA = 25°C
0
±1.0
±2.0
±2.5
±0.5
±1.5
1.2
1.0
0.8
0.6
0.4
0.2
0
VS, Supply Voltage (V)
VS, Supply Voltage (V)
0
±1.0
±2.0
±2.5
±0.5
±1.5
200
160
120
80
40
0
±3.0
±3.5
0
±1.0
±2.0
±2.5
±0.5
±1.5
200
160
120
80
40
0
±3.0
±3.5
−40
°C
25
°C
85
°C
−40
°C
25
°C
85
°C
Output Pulsed Test
at 3% Duty Cycle
Output Pulsed Test
at 3% Duty Cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com