Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCS2001 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCS2001
Description  0.9 V, Rail-to-Rail, Single Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCS2001 Datasheet(HTML) 1 Page - ON Semiconductor

  NCS2001 Datasheet HTML 1Page - ON Semiconductor NCS2001 Datasheet HTML 2Page - ON Semiconductor NCS2001 Datasheet HTML 3Page - ON Semiconductor NCS2001 Datasheet HTML 4Page - ON Semiconductor NCS2001 Datasheet HTML 5Page - ON Semiconductor NCS2001 Datasheet HTML 6Page - ON Semiconductor NCS2001 Datasheet HTML 7Page - ON Semiconductor NCS2001 Datasheet HTML 8Page - ON Semiconductor NCS2001 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
© Semiconductor Components Industries, LLC, 2004
September, 2004 − Rev. 12
1
Publication Order Number:
NCS2001/D
NCS2001
0.9 V, Rail−to−Rail, Single
Operational Amplifier
The NCS2001 is an industry first sub−one voltage operational
amplifier that features a rail−to−rail common mode input voltage range,
along with rail−to−rail output drive capability. This amplifier is
guaranteed to be fully operational down to 0.9 V, providing an ideal
solution for powering applications from a single cell Nickel Cadmium
(NiCd) or Nickel Metal Hydride (NiMH) battery. Additional features
include no output phase reversal with overdriven inputs, trimmed input
offset voltage of 0.5 mV, extremely low input bias current of 40 pA, and
a unity gain bandwidth of 1.4 MHz at 5.0 V. The tiny NCS2001 is the
ideal solution for small portable electronic applications and is available
in the space saving SOT23−5 and SC70−5 packages with two industry
standard pinouts.
Features
• 0.9 V Guaranteed Operation
• Rail−to−Rail Common Mode Input Voltage Range
• Rail−to−Rail Output Drive Capability
• No Output Phase Reversal for Over−Driven Input Signals
• 0.5 mV Trimmed Input Offset
• 10 pA Input Bias Current
• 1.4 MHz Unity Gain Bandwidth at "2.5 V, 1.1 MHz at "0.5 V
• Tiny SC70−5 and SOT23−5 Packages
• Pb−Free Package is Available
Typical Applications
• Single Cell NiCd/NiMH Battery Powered Applications
• Cellular Telephones
• Pagers
• Personal Digital Assistants
• Electronic Games
• Digital Cameras
• Camcorders
• Hand−Held Instruments
Figure 1. Typical Application
This device contains 63 active transistors.
−
+
0.8 V
to
7.0 V
Rail to Rail Input
Rail to Rail Output
ORDERING INFORMATION
SOT23−5
SN SUFFIX
CASE 483
PIN CONNECTIONS
1
VOUT
VCC
Non−Inverting
Input
2
3
5
4
VEE
Inverting
Input
Style 1 Pinout (SN1T1, SQ1T1)
+−
1
VOUT
VEE
Non−Inverting
Input
2
3
5
4
VCC
Inverting
Input
Style 2 Pinout (SN2T1, SQ2T1)
+−
MARKING
DIAGRAMS
1
5
AAxYW
x = G for SN1
H for SN2
I for SQ1
J for SQ2
1 2
3
4
5
SC70−5
SQ SUFFIX
CASE 419A
1
5
1
5
Y = Year
W = Work Week
M = Date Code
See detailed ordering and shipping information in the
dimensions section on page 14 of this data sheet.
AAx
|
http://onsemi.com


Similar Part No. - NCS2001

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS2001 ONSEMI-NCS2001 Datasheet
206Kb / 17P
0.9 V, Rail?뭪o?뭃ail, Single Operational Amplifier
January, 2007 ??Rev. 15
NCS2001 ONSEMI-NCS2001 Datasheet
184Kb / 16P
Rail-to-Rail, Single Operational Amplifier
June, 2013 ??Rev. 17
NCS2001 ONSEMI-NCS2001 Datasheet
141Kb / 16P
0.9 V, Rail-to-Rail, Single Operational Amplifier
January, 2017 ??Rev. 18
NCS2001SN1T1 ONSEMI-NCS2001SN1T1 Datasheet
206Kb / 17P
0.9 V, Rail?뭪o?뭃ail, Single Operational Amplifier
January, 2007 ??Rev. 15
NCS2001SN1T1G ONSEMI-NCS2001SN1T1G Datasheet
206Kb / 17P
0.9 V, Rail?뭪o?뭃ail, Single Operational Amplifier
January, 2007 ??Rev. 15
More results

Similar Description - NCS2001

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS2001 ONSEMI-NCS2001_07 Datasheet
206Kb / 17P
0.9 V, Rail?뭪o?뭃ail, Single Operational Amplifier
January, 2007 ??Rev. 15
logo
Richtek Technology Corp...
RT9133A RICHTEK-RT9133A Datasheet
218Kb / 13P
Rail-to-Rail Operational Amplifier
RT9137 RICHTEK-RT9137 Datasheet
309Kb / 21P
Rail-to-Rail Operational Amplifier
logo
New Japan Radio
NJU7056 NJRC-NJU7056 Datasheet
242Kb / 8P
Rail-to-Rail Output Single CMOS Operational Amplifier
logo
Texas Instruments
OPA2340TDF1 TI-OPA2340TDF1 Datasheet
80Kb / 5P
SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIER MicroAmplifier
logo
New Japan Radio
NJM2730F-TE1 NJRC-NJM2730F-TE1 Datasheet
298Kb / 9P
Rail-to-Rail Input/Output Single Operational Amplifier
logo
ON Semiconductor
LMV301 ONSEMI-LMV301_16 Datasheet
139Kb / 13P
Rail-to-Rail Operational Amplifier
August, 2016 ??Rev. 3
NCS2001 ONSEMI-NCS2001_13 Datasheet
184Kb / 16P
Rail-to-Rail, Single Operational Amplifier
June, 2013 ??Rev. 17
logo
Richtek Technology Corp...
RT9146 RICHTEK-RT9146_13 Datasheet
178Kb / 12P
Rail-to-Rail Operational Amplifier
logo
ON Semiconductor
NCS2001 ONSEMI-NCS2001_17 Datasheet
141Kb / 16P
0.9 V, Rail-to-Rail, Single Operational Amplifier
January, 2017 ??Rev. 18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com