Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCS2001 Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCS2001
Description  0.9 V, Rail-to-Rail, Single Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCS2001 Datasheet(HTML) 5 Page - ON Semiconductor

  NCS2001 Datasheet HTML 1Page - ON Semiconductor NCS2001 Datasheet HTML 2Page - ON Semiconductor NCS2001 Datasheet HTML 3Page - ON Semiconductor NCS2001 Datasheet HTML 4Page - ON Semiconductor NCS2001 Datasheet HTML 5Page - ON Semiconductor NCS2001 Datasheet HTML 6Page - ON Semiconductor NCS2001 Datasheet HTML 7Page - ON Semiconductor NCS2001 Datasheet HTML 8Page - ON Semiconductor NCS2001 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
NCS2001
http://onsemi.com
5
1.0
20
80
10 k
60
100 k
1.0 k
100
1.0 M
40
0
10
VCC = 2.5 V
VEE = −2.5 V
RL = 10 k to GND
TA = 25°C
100
10 M
Phase
Margin = 60
°
Gain
Phase
0
45
90
135
180
t, time (1.0
ms/Div)
t, time (500 ns/Div)
VS = ±2.5 V
RL = 10 k
CL = 10 pf
AV = 1.0
TA = 25°C
TA, Ambient Temperature (°C)
Figure 2. Split Supply Output Saturation vs.
Load Resistance
Figure 3. Split Supply Output Saturation vs.
Load Current
Figure 4. Input Bias Current vs. Temperature
Figure 5. Gain and Phase vs. Frequency
Figure 6. Transient Response
Figure 7. Slew Rate
0
100
1.0 k
10 k
100 k
1.0 M
RL, Load Resistance (W)
0.2
0.4
0.6
−0.6
−0.4
−0.2
0
VCC
VEE
High State Output
Sourcing Current
Low State Output
Sinking Current
VCC = 2.5 V
VEE = −2.5 V
RL to GND
TA = 25°C
0
0
2.0
8.0
10
12
IL, Load Current (mA)
0.1
0.2
0.3
−0.3
−0.2
−0.1
0
VCC
VEE
High State Output
Sourcing Current
Low State Output
Sinking Current
VCC = 2.5 V
VEE = −2.5 V
IL to GND
TA = 25°C
4.0
6.0
VS = ±2.5 V
AV = 1.0
RL = 10 k
CL = 10 pF
TA = 25°C
f, Frequency (Hz)
1000
100
1.0
0
0
25
50
75
100
125
10
VCC = 2.5 V
VEE = −2.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com