Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCS2001 Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCS2001
Description  0.9 V, Rail-to-Rail, Single Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCS2001 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCS2001 Datasheet HTML 5Page - ON Semiconductor NCS2001 Datasheet HTML 6Page - ON Semiconductor NCS2001 Datasheet HTML 7Page - ON Semiconductor NCS2001 Datasheet HTML 8Page - ON Semiconductor NCS2001 Datasheet HTML 9Page - ON Semiconductor NCS2001 Datasheet HTML 10Page - ON Semiconductor NCS2001 Datasheet HTML 11Page - ON Semiconductor NCS2001 Datasheet HTML 12Page - ON Semiconductor NCS2001 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
NCS2001
http://onsemi.com
9
0
±0.5
VS, Supply Voltage (V)
±1.0
±1.5
±2.0
±2.5
0
VS, Supply Voltage (V)
±2.0
±2.5
±1.5
±1.0
±3.0
±0.5
−2.0
1.0
−3.0
−1.0
2.0
3.0
D Vio = 5.0 mV
RL = ∞
CL = 0
AV = 1.0
TA = 25°C
40
60
0
20
80
100
Figure 26. Open Loop Voltage Gain vs.
Supply Voltage
TA = 25°C
RL = 10 k
RL = 2.0 k
Figure 27. Input Offset Voltage vs. Common
Mode Input Voltage Range VS = +2.5 V
Figure 28. Input Offset Voltage vs. Common
Mode Input Voltage Range, VS = +0.45 V
Figure 29. Common−Mode Input Voltage Range
vs. Power Supply Voltage
10
0
15
−5
5
−20
20
VCM, Common Mode Input Voltage Range (V)
−3.0
1.0
2.0
0
−1.0
3.0
−2.0
−10
VS = ±2.5 V
RL = ∞
CL = 0
AV = 1.0
TA = 25°C
0
−0.5
−0.1
−0.2
−0.3
−15
5
−20
−10
10
20
−0.4
15
−5
0
0.1
0.2
0.3
0.4
0.5
VCM, Common Mode Input Voltage Range (V)
−15
±0.35
VS = ±0.45 V
RL = ∞
CL = 0
AV = 1.0
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com