Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCS2001 Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCS2001
Description  0.9 V, Rail-to-Rail, Single Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCS2001 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCS2001 Datasheet HTML 4Page - ON Semiconductor NCS2001 Datasheet HTML 5Page - ON Semiconductor NCS2001 Datasheet HTML 6Page - ON Semiconductor NCS2001 Datasheet HTML 7Page - ON Semiconductor NCS2001 Datasheet HTML 8Page - ON Semiconductor NCS2001 Datasheet HTML 9Page - ON Semiconductor NCS2001 Datasheet HTML 10Page - ON Semiconductor NCS2001 Datasheet HTML 11Page - ON Semiconductor NCS2001 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
NCS2001
http://onsemi.com
8
0
±0.5
±1.0
±1.5
±2.0
±2.5
±3.0
±3.5
VS = ±2.5 V
VS = ±0.5 V
−40
−20
0
20
40
60
180
140
100
60
10
100
1.0 k
100 k
Phase Margin
Gain Margin
10 k
0
10
20
30
40
60
50
70
VCC = 2.5 V
VEE = −2.5 V
RL = 10 k
CL = 10 pF
TA = 25°C
0
10
20
30
40
60
50
70
Phase Margin
Gain Margin
80
0
60
40
20
80
0
60
40
20
Phase Margin
Gain Margin
−50
−25
0
25
50
75
100
125
80
0
60
40
20
VCC = 2.5 V
VEE = −2.5 V
RL = 10 k
CL = 10 pF
TA, Ambient Temperature (°C)
Rt, Differential Source Resistance (W)
Figure 20. Voltage Gain and Phase vs.
Frequency
Figure 21. Gain and Phase Margin vs.
Temperature
Figure 22. Gain and Phase Margin vs.
Differential Source Resistance
CL, Output Load Capacitance (pF)
Figure 23. Gain and Phase Margin vs.
Output Load Capacitance
AV = 100
VCC = 2.5 V
VEE = −2.5 V
RL = 10 k to GND
TA = 25°C
RL = 10 k
TA = 25°C
f, Frequency (Hz)
80
0
60
40
20
1.0
100
1000
10
10 k
100 k
1.0 M
10 M
100 M
Figure 24. Output Voltage Swing vs.
Supply Voltage
0
±0.5
VS, Supply Voltage (V)
8.0
0
6.0
4.0
2.0
RL = 10 k
TA = 25°C
Split Supplies
220
260
80
0
60
40
20
VS, Supply Voltage (V)
Phase Margin
Figure 25. Gain and Phase Margin vs.
Supply Voltage
80
0
60
40
20
Gain Margin
RL = 10 k
CL = 10 pF
TA = 25°C
VS = ±2.5 V
VS = ±0.5 V
±1.0
±1.5
±2.0
±2.5
±3.0
±3.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com