Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCS2001 Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCS2001
Description  0.9 V, Rail-to-Rail, Single Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCS2001 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCS2001 Datasheet HTML 7Page - ON Semiconductor NCS2001 Datasheet HTML 8Page - ON Semiconductor NCS2001 Datasheet HTML 9Page - ON Semiconductor NCS2001 Datasheet HTML 10Page - ON Semiconductor NCS2001 Datasheet HTML 11Page - ON Semiconductor NCS2001 Datasheet HTML 12Page - ON Semiconductor NCS2001 Datasheet HTML 13Page - ON Semiconductor NCS2001 Datasheet HTML 14Page - ON Semiconductor NCS2001 Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
NCS2001
http://onsemi.com
11
Figure 32. Small Signal Transient Response with Large Capacitive Load
Figure 33. Small Signal Transient Response with Large
Capacitive Load and Isolation Resistor
VS = ±0.45 V
Vin = 0.8 Vpp
R = 0
CL = 820 pF
AV = 1.0
TA = 25°C
Vin
Vout
Vin
Vout
VS = ±0.45 V
Vin = 0.8 Vpp
R = 51
CL = 820 pF
AV = 1.0
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com