Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCS2001 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCS2001
Description  0.9 V, Rail-to-Rail, Single Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCS2001 Datasheet(HTML) 3 Page - ON Semiconductor

  NCS2001 Datasheet HTML 1Page - ON Semiconductor NCS2001 Datasheet HTML 2Page - ON Semiconductor NCS2001 Datasheet HTML 3Page - ON Semiconductor NCS2001 Datasheet HTML 4Page - ON Semiconductor NCS2001 Datasheet HTML 5Page - ON Semiconductor NCS2001 Datasheet HTML 6Page - ON Semiconductor NCS2001 Datasheet HTML 7Page - ON Semiconductor NCS2001 Datasheet HTML 8Page - ON Semiconductor NCS2001 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
NCS2001
http://onsemi.com
3
DC ELECTRICAL CHARACTERISTICS (continued)
(VCC = 2.5 V, VEE = −2.5 V, VCM = VO = 0 V, RL to GND, TA = 25°C unless otherwise noted.)
Characteristics
Unit
Max
Typ
Min
Symbol
Output Voltage Swing, High State Output (VID = +0.5 V)
VCC = 0.45 V, VEE = −0.45 V
TA = 25°C
RL = 10 k
RL = 2.0 k
TA = 0°C to 70°C
RL = 10 k
RL = 2.0 k
TA = −40°C to 105°C
RL = 10 k
RL = 2.0 k
VCC = 1.5 V, VEE = −1.5 V
TA = 25°C
RL = 10 k
RL = 2.0 k
TA = 0°C to 70°C
RL = 10 k
RL = 2.0 k
TA = −40°C to 105°C
RL = 10 k
RL = 2.0 k
VCC = 2.5 V, VEE = −2.5 V
TA = 25°C
RL = 10 k
RL = 2.0 k
TA = 0°C to 70°C
RL = 10 k
RL = 2.0 k
TA = −40°C to 105°C
RL = 10 k
RL = 2.0 k
VOH
0.40
0.35
0.40
0.35
0.40
0.35
1.45
1.40
1.45
1.40
1.45
1.40
2.45
2.40
2.45
2.40
2.45
2.40
0.494
0.466
−
−
−
−
1.498
1.480
−
−
−
−
2.498
2.475
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
V
Output Voltage Swing, Low State Output (VID = −0.5 V)
VCC = 0.45 V, VEE = −0.45 V
TA = 25°C
RL = 10 k
RL = 2.0 k
TA = 0°C to 70°C
RL = 10 k
RL = 2.0 k
TA = −40°C to 105°C
RL = 10 k
RL = 2.0 k
VCC = 1.5 V, VEE = −1.5 V
TA = 25°C
RL = 10 k
RL = 2.0 k
TA = 0°C to 70°C
RL = 10 k
RL = 2.0 k
TA = −40°C to 105°C
RL = 10 k
RL = 2.0 k
VCC = 2.5 V, VEE = −2.5 V
TA = 25°C
RL = 10 k
RL = 2.0 k
TA = 0°C to 70°C
RL = 10 k
RL = 2.0 k
TA = −40°C to 105°C
RL = 10 k
RL = 2.0 k
VOL
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−0.494
−0.480
−
−
−
−
−1.493
−1.480
−
−
−
−
−2.492
−2.479
−
−
−
−
−0.40
−0.35
−0.40
−0.35
−0.40
−0.35
−1.45
−1.40
−1.45
−1.40
−1.45
−1.40
−2.45
−2.40
−2.45
−2.40
−2.45
−2.40
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com