Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCS2001 Datasheet(PDF) 14 Page - ON Semiconductor

Part # NCS2001
Description  0.9 V, Rail-to-Rail, Single Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCS2001 Datasheet(HTML) 14 Page - ON Semiconductor

Back Button NCS2001 Datasheet HTML 8Page - ON Semiconductor NCS2001 Datasheet HTML 9Page - ON Semiconductor NCS2001 Datasheet HTML 10Page - ON Semiconductor NCS2001 Datasheet HTML 11Page - ON Semiconductor NCS2001 Datasheet HTML 12Page - ON Semiconductor NCS2001 Datasheet HTML 13Page - ON Semiconductor NCS2001 Datasheet HTML 14Page - ON Semiconductor NCS2001 Datasheet HTML 15Page - ON Semiconductor NCS2001 Datasheet HTML 16Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
NCS2001
http://onsemi.com
14
Is
VO
435 mA
34.7 mV
212 mA
36.9 mV
3.3 k
R3
1.0 k
RL
Is
1.0 V
R4
2.4 k
VL
VO
For best performance, use low
tolerance resistors.
+
−
Rsense
R5
1.0 k
R1
1.0 k
R6
Rsense
VCC
+
−
Vsupply
Vin
I
sink+
V
in
Rsense
Figure 38. High Compliance Current Sink
Figure 39. High Side Current Sense
R2
75
ORDERING INFORMATION
Device
Package
Shipping†
NCS2001SN1T1
SOT23−5
3000 / Tape & 7” Reel
NCS2001SN1T1G
SOT23−5
(Pb−Free)
3000 / Tape & 7” Reel
NCS2001SN2T1
SOT23−5
3000 / Tape & 7” Reel
NCS2001SQ1T1
SC70−5
3000 / Tape & 7” Reel
NCS2001SQ1T1G
SC70−5
(Pb−Free)
3000 / Tape & 7” Reel
NCS2001SQ2T1
SC70−5
3000 / Tape & 7” Reel
NCS2001SQ1T2
SC70−5
3000 / Tape & 7” Reel
NCS2001SQ2T2
SC70−5
3000 / Tape & 7” Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com