Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCS2001 Datasheet(PDF) 13 Page - ON Semiconductor

Part # NCS2001
Description  0.9 V, Rail-to-Rail, Single Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCS2001 Datasheet(HTML) 13 Page - ON Semiconductor

Back Button NCS2001 Datasheet HTML 8Page - ON Semiconductor NCS2001 Datasheet HTML 9Page - ON Semiconductor NCS2001 Datasheet HTML 10Page - ON Semiconductor NCS2001 Datasheet HTML 11Page - ON Semiconductor NCS2001 Datasheet HTML 12Page - ON Semiconductor NCS2001 Datasheet HTML 13Page - ON Semiconductor NCS2001 Datasheet HTML 14Page - ON Semiconductor NCS2001 Datasheet HTML 15Page - ON Semiconductor NCS2001 Datasheet HTML 16Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
NCS2001
http://onsemi.com
13
R1
1.0 M
R2
1.0 M
R3
1.0 k
Cin
10
mF
2.5 V
10,000
mF
+
−
Ceff. +
R1
R3
Cin
−2.5 V
f
L+
1
2
p R
1
C
1
[ 200 Hz
f
H+
1
2
p R
f
C
f
[ 4.0 kHz
A
f +
1
)
R
f
R
2
+ 11
≈
Af
fL
fH
R1
10 k
Rf
100 k
R2
10 k
Cf
400 pF
0.5 V
−0.5 V
C1
80 nF
VO
+
−
Vin
Figure 36. Positive Capacitance Multiplier
Figure 37. 1.0 V Voiceband Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com