Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7181BBCPZ Datasheet(PDF) 34 Page - Analog Devices

Part # ADV7181BBCPZ
Description  Multiformat SDTV Video Decoder
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7181BBCPZ Datasheet(HTML) 34 Page - Analog Devices

Back Button ADV7181BBCPZ Datasheet HTML 30Page - Analog Devices ADV7181BBCPZ Datasheet HTML 31Page - Analog Devices ADV7181BBCPZ Datasheet HTML 32Page - Analog Devices ADV7181BBCPZ Datasheet HTML 33Page - Analog Devices ADV7181BBCPZ Datasheet HTML 34Page - Analog Devices ADV7181BBCPZ Datasheet HTML 35Page - Analog Devices ADV7181BBCPZ Datasheet HTML 36Page - Analog Devices ADV7181BBCPZ Datasheet HTML 37Page - Analog Devices ADV7181BBCPZ Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 96 page
background image
ADV7181B
Rev. 0 | Page 34 of 96
COMB FILTERS
The comb filters of the ADV7181B have been greatly improved
to automatically handle video of all types, standards, and levels
of quality. The NTSC and PAL configuration registers allow the
user to customize comb filter operation, depending on which
video standard is detected (by autodetection) or selected (by
manual programming). In addition to the bits listed in this
section, there are some further ADI internal controls; contact
ADI for more information.
NTSC Comb Filter Settings
Used for NTSC-M/J CVBS inputs.
NSFSEL[1:0] Split Filter Selection NTSC, Address 0x19 [3:2]
The NSFSEL[1:0] control selects how much of the overall signal
bandwidth is fed to the combs. A narrow split filter selection
gives better performance on diagonal lines, but leaves more dot
crawl in the final output image. The opposite is true for selecting
a wide bandwidth split filter.
Table 42. NSFSEL Function
NSFSEL[1:0]
Description
00 (default)
Narrow
01
Medium
10
Medium
11
Wide
CTAPSN[1:0] Chroma Comb Taps NTSC,
Address 0x38 [7:6]
Table 43. CTAPSN Function
CTAPSN[1:0]
Description
00
Do not use.
01
NTSC chroma comb adapts 3 lines (3 taps) to 2
lines (2 taps).
10 (default)
NTSC chroma comb adapts 5 lines (5 taps) to 3
lines (3 taps).
11
NTSC chroma comb adapts 5 lines (5 taps) to 4
lines (4 taps).
CCMN[2:0] Chroma Comb Mode NTSC, Address 0x38 [5:3]
Table 44. CCMN Function
CCMN[2:0]
Description
Configuration
Adaptive 3-line chroma comb for CTAPSN = 01.
Adaptive 4-line chroma comb for CTAPSN = 10.
0xx (default)
Adaptive comb mode.
Adaptive 5-line chroma comb for CTAPSN = 11.
100
Disable chroma comb.
Fixed 2-line chroma comb for CTAPSN = 01.
Fixed 3-line chroma comb for CTAPSN = 10.
101
Fixed chroma comb (top lines of line memory).
Fixed 4-line chroma comb for CTAPSN = 11.
Fixed 3-line chroma comb for CTAPSN = 01.
Fixed 4-line chroma comb for CTAPSN = 10.
110
Fixed chroma comb (all lines of line memory).
Fixed 5-line chroma comb for CTAPSN = 11.
Fixed 2-line chroma comb for CTAPSN = 01.
Fixed 3-line chroma comb for CTAPSN = 10.
111
Fixed chroma comb (bottom lines of line memory).
Fixed 4-line chroma comb for CTAPSN = 11.
YCMN[2:0] Luma Comb Mode NTSC, Address 0x38 [2:0]
Table 45. YCMN Function
YCMN[2:0]
Description
Configuration
0xx (default)
Adaptive comb mode.
Adaptive 3-line (3 taps) luma comb.
100
Disable luma comb.
Use low-pass/notch filter; see the Y Shaping Filter section.
101
Fixed luma comb (top lines of line memory).
Fixed 2-line (2 taps) luma comb.
110
Fixed luma comb (all lines of line memory).
Fixed 3-line (3 taps) luma comb.
111
Fixed luma comb (bottom lines of line memory).
Fixed 2-line (2 taps) luma comb.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com