Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7181BBCPZ Datasheet(PDF) 78 Page - Analog Devices

Part # ADV7181BBCPZ
Description  Multiformat SDTV Video Decoder
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7181BBCPZ Datasheet(HTML) 78 Page - Analog Devices

Back Button ADV7181BBCPZ Datasheet HTML 74Page - Analog Devices ADV7181BBCPZ Datasheet HTML 75Page - Analog Devices ADV7181BBCPZ Datasheet HTML 76Page - Analog Devices ADV7181BBCPZ Datasheet HTML 77Page - Analog Devices ADV7181BBCPZ Datasheet HTML 78Page - Analog Devices ADV7181BBCPZ Datasheet HTML 79Page - Analog Devices ADV7181BBCPZ Datasheet HTML 80Page - Analog Devices ADV7181BBCPZ Datasheet HTML 81Page - Analog Devices ADV7181BBCPZ Datasheet HTML 82Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 96 page
background image
ADV7181B
Rev. 0 | Page 78 of 96
Bits
Subaddress
Register
Bit Description
7
6
5
4
3
210
Comments
Notes
CMG[11:8]. Chroma manual gain can
be used to program a desired
manual chroma gain. Reading back
from this register in AGC mode gives
the current gain.
0
1
0
0
CAGC[1:0] settings
decide in which
mode CMG[11:0]
operates
Reserved
1
1
Set to 1
00
Slow (TC = 2 s)
01
Medium (TC = 1 s)
1
0
Fast (TC = 0.2 s)
0x2D
Chroma
Gain
Control 1
CAGT[1:0]. Chroma automatic gain
timing allows adjustment of the
chroma AGC tracking speed.
1
1
Adaptive
Has an effect only if
CAGC[1:0] is set to
auto gain (10)
0x2E
Chroma
Gain
Control 2
CMG[7:0]. Chroma manual gain
lower 8 bits. See CMG[11:8] for
description.
0
0
0
0
0
0
0
0
CMG[11:0] = 750d; gain is
1 in NTSC
CMG[11:0] = 741d; gain is
1 in PAL
Min value is 0dec
(G = –60 dB)
Max value is 3750
(Gain = 5)
LMG[11:8]. Luma manual gain can
be used program a desired manual
chroma gain, or to read back the
actual gain value used.
x
x
x
x
LAGC[1:0] settings decide
in which mode LMG[11:0]
operates
Reserved
1
1
Set to 1
00
Slow (TC = 2 s)
01
Medium (TC = 1 s)
1
0
Fast (TC = 0.2 s)
0x2F
Luma Gain
Control 1
LAGT[1:0]. Luma automatic gain
timing allows adjustment of the
luma AGC tracking speed.
1
1
Adaptive
Only has an effect if
LAGC[1:0] is set to
auto gain (001, 010,
011,or 100)
0x30
Luma Gain
Control 2
LMG[7:0]. Luma manual gain can be
used to program a desired manual
chroma gain or read back the actual
used gain value.
x
x
x
x
x
x
x
x
LMG[11:0] = 1234d; gain is
1 in NTSC LMG[11:0] =
1266d; gain is 1 in PAL
Min value
NTSC 1024 (G = 0.85)
PAL (G = 0.81)
Max value
NTSC 2468 (G = 2),
PAL = 2532 (G = 2)
0x31
Reserved
0
1
0
Set to default
0
Start of line relative to HSE
HSE = Hsync end
HVSTIM. Selects where within a line
of video the VS signal is asserted.
1
Start of line relative to HSB
HSB = Hsync begin
0
EAV/SAV codes generated
to suit ADI encoders
NEWAVMODE. Sets the EAV/SAV
mode.
1
Manual VS/Field position
controlled by registers
0x32, 0x33, and 0xE5–0xEA
VS and
FIELD
Control 1
Reserved
0
0
0
Set to default
Reserved
0
0
0
0
0
1
Set to default
VSBHE
0
VS goes high in the middle
of the line (even field)
1
VS changes state at the
start of the line (even field)
VSBHO
0
VS goes high in the middle
of the line (odd field)
0x32
VSync
Field
Control 2
1
VS changes state at the
start of the line (odd field)
NEWAVMODE bit
must be set high.
Reserved
0
0
0
1
0
0
Set to default
VSEHE
0
VS goes low in the middle
of the line (even field)
1
VS changes state at the
start of the line (even
field)
0
VS goes low in the middle
of the line (odd field)
0x33
VSync
Field
Control 3
VSEHO
1
VS changes state at the
start of the line odd field
NEWAVMODE bit
must be set high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com