Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7181BBCPZ Datasheet(PDF) 30 Page - Analog Devices

Part # ADV7181BBCPZ
Description  Multiformat SDTV Video Decoder
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7181BBCPZ Datasheet(HTML) 30 Page - Analog Devices

Back Button ADV7181BBCPZ Datasheet HTML 26Page - Analog Devices ADV7181BBCPZ Datasheet HTML 27Page - Analog Devices ADV7181BBCPZ Datasheet HTML 28Page - Analog Devices ADV7181BBCPZ Datasheet HTML 29Page - Analog Devices ADV7181BBCPZ Datasheet HTML 30Page - Analog Devices ADV7181BBCPZ Datasheet HTML 31Page - Analog Devices ADV7181BBCPZ Datasheet HTML 32Page - Analog Devices ADV7181BBCPZ Datasheet HTML 33Page - Analog Devices ADV7181BBCPZ Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 96 page
background image
ADV7181B
Rev. 0 | Page 30 of 96
Table 31. AGC Modes
Input Video Type
Luma Gain
Chroma Gain
Any
Manual gain luma.
Manual gain chroma.
Dependent on color burst amplitude.
Dependent on horizontal sync depth.
Taken from luma path.
Dependent on color burst amplitude.
CVBS
Peak White.
Taken from luma path.
Dependent on color burst amplitude.
Dependent on horizontal sync depth.
Taken from luma path.
Dependent on color burst amplitude.
Y/C
Peak White.
Taken from luma path.
YPrPb
Dependent on horizontal sync depth.
Taken from luma path.
Luma Gain
LAGC[2:0] Luma Automatic Gain Control, Address 0x30 [7:0]
The luma automatic gain control mode bits select the mode of
operation for the gain control in the luma path.
There are ADI internal parameters to customize the peak white
gain control. Contact ADI for more information.
Table 32. LAGC Function
LAGC[2:0]
Description
000
Manual fixed gain (use LMG[11:0]).
001
AGC (blank level to sync tip). No override through
peak white.
010(default)
AGC (blank level to sync tip). Automatic override
through peak white.
011
Reserved.
100
Reserved.
101
Reserved.
110
Reserved.
111
Freeze gain.
LAGT[1:0] Luma Automatic Gain Timing, Address 0x2F [7:6]
The luma automatic gain timing register allows the user to
influence the tracking speed of the luminance automatic gain
control. Note that this register only has an effect if the
LAGC[2:0] register is set to 001, 010, 011, or 100 (automatic
gain control modes).
If peak white AGC is enabled and active (see the
STATUS_1[7:0] Address 0x10 [7:0] section), the actual gain
update speed is dictated by the peak white AGC loop and, as a
result, the LAGT settings have no effect. As soon as the part
leaves peak white AGC, LAGT becomes relevant again.
The update speed for the peak white algorithm can be
customized by the use of internal parameters. Contact ADI for
more information.
Table 33. LAGT Function
LAGT[1:0]
Description
00
Slow (TC = 2 sec)
01
Medium (TC = 1 sec)
10
Fast (TC = 0.2 sec)
11 (default)
Adaptive
LG[11:0] Luma Gain, Address 0x2F [3:0];
Address 0x30 [7:0]; LMG[11:0] Luma Manual Gain,
Address 0x2F [3:0]; Address 0x30 [7:0]
Luma gain [11:0] is a dual-function register. If written to, a
desired manual luma gain can be programmed. This gain
becomes active if the LAGC[2:0] mode is switched to manual
fixed gain. Equation 1 shows how to calculate a desired gain.
If read back, this register returns the current gain value.
Depending on the setting in the LAGC[2:0] bits, this is one of
the following values:
•
Luma manual gain value (LAGC[2:0] set to luma manual
gain mode)
•
Luma automatic gain value (LAGC[2:0] set to any of the
automatic modes)
Table 34. LG/LMG Function
LG[11:0]/LMG[11:0]
Read/Write
Description
LMG[11:0] = X
Write
Manual gain for luma
path.
LG[11:0]
Read
Actually used gain.
(
)
2
...
0
2048
4095
0
_
=
≤
<
=
LG
Gain
Luma
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com