Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7181BBCPZ Datasheet(PDF) 36 Page - Analog Devices

Part # ADV7181BBCPZ
Description  Multiformat SDTV Video Decoder
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7181BBCPZ Datasheet(HTML) 36 Page - Analog Devices

Back Button ADV7181BBCPZ Datasheet HTML 32Page - Analog Devices ADV7181BBCPZ Datasheet HTML 33Page - Analog Devices ADV7181BBCPZ Datasheet HTML 34Page - Analog Devices ADV7181BBCPZ Datasheet HTML 35Page - Analog Devices ADV7181BBCPZ Datasheet HTML 36Page - Analog Devices ADV7181BBCPZ Datasheet HTML 37Page - Analog Devices ADV7181BBCPZ Datasheet HTML 38Page - Analog Devices ADV7181BBCPZ Datasheet HTML 39Page - Analog Devices ADV7181BBCPZ Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 96 page
background image
ADV7181B
Rev. 0 | Page 36 of 96
AV CODE INSERTION AND CONTROLS
This section describes the I2C based controls that affect
•
Insertion of AV codes into the data stream.
•
Data blanking during the vertical blank interval (VBI).
•
The range of data values permitted in the output data
stream.
•
The relative delay of luma versus chroma signals.
Note that some of the decoded VBI data is being inserted
during the horizontal blanking interval. See the Gemstar Data
Recovery section for more information.
BT656-4 ITU Standard BT-R.656-4 Enable, Address 0x04 [7]
The ITU has changed the position for toggling of the V bit
within the SAV EAV codes for NTSC between revisions 3 and 4.
The BT656-4 standard bit allows the user to select an output
mode that is compliant with either the previous or the new
standard. For further information, review the standard at
http://www.itu.int.
Note that the standard change affects NTSC only and has no
bearing on PAL.
When BT656-4 is 0 (default), the BT656-3 specification is used.
The V bit goes low at EAV of Lines 10 and 273.
When BT656-4 is 1, the BT656-4 specification is used. The V bit
goes low at EAV of Lines 20 and 283.
SD_DUP_AV Duplicate AV codes, Address 0x03 [0]
Depending on the output interface width, it may be necessary to
duplicate the AV codes from the luma path into the chroma path.
In an 8-bit-wide output interface (Cb/Y/Cr/Y interleaved data),
the AV codes are defined as FF/00/00/AV, with AV being the
transmitted word that contains information about H/V/F.
In this output interface mode, the following assignment takes
place: Cb = FF, Y = 00, Cr = 00, and Y = AV.
In a 16-bit output interface where Y and Cr/Cb are delivered via
separate data buses, the AV code is over the whole 16 bits. The
SD_DUP_AV bit allows the user to replicate the AV codes on
both busses, so the full AV sequence can be found on the Y bus
as well as on the Cr/Cb bus. See Figure 18.
When SD_DUP_AV is 0 (default), the AV codes are in single
fashion (to suit 8-bit interleaved data output).
When SD_DUP_AV is 1, the AV codes are duplicated (for
16-bit interfaces).
VBI_EN Vertical Blanking Interval Data Enable,
Address 0x03 [7]
The VBI enable bit allows data such as intercast and closed
caption data to be passed through the luma channel of the
decoder with a minimal amount of filtering. All data for Lines 1
to 21 is passed through and available at the output port. The
ADV7181B does not blank the luma data, and automatically
switches all filters along the luma data path into their widest
bandwidth. For active video, the filter settings for YSH and YPK
are restored.
Refer to the BL_C_VBI Blank Chroma during VBI section for
information on the chroma path.
When VBI_EN is 0 (default), all video lines are filtered/scaled.
When VBI_EN is 1, only the active video region is
filtered/scaled.
Y DATA BUS
00
AV
Y
FF
00
00
AV
Y
FF
Cr/Cb DATA BUS
00
00
AV
Cb
FF
00
Cb
AV CODE SECTION
AV CODE SECTION
FF
00
00
AV
Cb
AV CODE SECTION
Cb/Y/Cr/Y
INTERLEAVED
8-BIT INTERFACE
16-BIT INTERFACE
16-BIT INTERFACE
SD_DUP_AV = 1
SD_DUP_AV = 0
Figure 18. AV Code Duplication Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com