Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7181BBCPZ Datasheet(PDF) 69 Page - Analog Devices

Part # ADV7181BBCPZ
Description  Multiformat SDTV Video Decoder
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7181BBCPZ Datasheet(HTML) 69 Page - Analog Devices

Back Button ADV7181BBCPZ Datasheet HTML 65Page - Analog Devices ADV7181BBCPZ Datasheet HTML 66Page - Analog Devices ADV7181BBCPZ Datasheet HTML 67Page - Analog Devices ADV7181BBCPZ Datasheet HTML 68Page - Analog Devices ADV7181BBCPZ Datasheet HTML 69Page - Analog Devices ADV7181BBCPZ Datasheet HTML 70Page - Analog Devices ADV7181BBCPZ Datasheet HTML 71Page - Analog Devices ADV7181BBCPZ Datasheet HTML 72Page - Analog Devices ADV7181BBCPZ Datasheet HTML 73Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 96 page
background image
ADV7181B
Rev. 0 | Page 69 of 96
Bit
Subaddress
Register
Bit Description
7
6
5
4
3
2
1
0
Comments
Notes
0
SD 60 Hz signal output
SD_OP_50Hz
SD 60/50Hz frame rate at
output
1
SD 50 Hz signal output
0
SD vertical sync lock not
established
SD_V_LOCK
1
SD vertical sync lock
established
0
SD horizontal sync lock not
established
SD_H_LOCK
1
SD horizontal sync lock
established
Reserved
x
Not used
0
SECAM Lock not established
SCM_LOCK
SECAM Lock
1
SECAM Lock established
Reserved
x
Not used
Reserved
x
Not used
0x49
Raw
Status 3
Read Only
Register
Register
Access
Page 2
Reserved
x
Not used
These bits
cannot be
cleared or
masked.
Register
0x4A is used
for this
purpose.
0
No Change in SD signal
standard detected at the input
SD_OP_CHNG_Q
SD 60/50 Hz frame rate at
input
1
A Change in SD signal standard
is detected at the input
0
No Change in SD vertical sync
lock status
SD_V_LOCK_CHNG_Q
1
SD vertical sync lock status has
changed.
0
No change in SD horizontal sync
lock status.
SD_H_LOCK_CHNG_Q
1
SD horizontal sync lock status
has changed
x
No change in AD_RESULT[2:0]
bits in Status Register 1.
SD_AD_CHNG_Q
SD autodetect changed
AD_RESULT[2:0] bits in Status
Register 1 have changed
0
No Change in SECAM Lock
status
SCM_LOCK_CHNG_Q
SECAM Lock
1
SECAM lock status has changed
x
No change in PAL swinging
burst lock status
PAL_SW_LK_CHNG_Q
PAL swinging burst lock status
has changed
Reserved
x
Not used
0x4A
Interrupt
Status 3
Read Only
Register
Register
Access
Page 2
Reserved
x
Not used
These bits
can be
cleared and
masked by
registers
0x4B and
0x4C,
respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com