Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7181BBCPZ Datasheet(PDF) 7 Page - Analog Devices

Part # ADV7181BBCPZ
Description  Multiformat SDTV Video Decoder
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7181BBCPZ Datasheet(HTML) 7 Page - Analog Devices

Back Button ADV7181BBCPZ Datasheet HTML 3Page - Analog Devices ADV7181BBCPZ Datasheet HTML 4Page - Analog Devices ADV7181BBCPZ Datasheet HTML 5Page - Analog Devices ADV7181BBCPZ Datasheet HTML 6Page - Analog Devices ADV7181BBCPZ Datasheet HTML 7Page - Analog Devices ADV7181BBCPZ Datasheet HTML 8Page - Analog Devices ADV7181BBCPZ Datasheet HTML 9Page - Analog Devices ADV7181BBCPZ Datasheet HTML 10Page - Analog Devices ADV7181BBCPZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 96 page
background image
ADV7181B
Rev. 0 | Page 7 of 96
TIMING SPECIFICATIONS
Guaranteed by characterization. At AVDD = 3.15 V to 3.45 V, DVDD = 1.65 V to 2.0 V, DVDDIO = 3.0 V to 3.6 V, PVDD = 1.65 V to 2.0 V
(operating temperature range, unless otherwise noted).
Table 3.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
SYSTEM CLOCK AND CRYSTAL
Nominal Frequency
27.00
MHz
Frequency Stability
±50
ppm
I2C PORT
SCLK Frequency
400
kHz
SCLK Min Pulse Width High
t1
0.6
µs
SCLK Min Pulse Width Low
t2
1.3
µs
Hold Time (Start Condition)
t3
0.6
µs
Setup Time (Start Condition)
t4
0.6
µs
SDA Setup Time
t5
100
ns
SCLK and SDA Rise Time
t6
300
ns
SCLK and SDA Fall Time
t7
300
ns
Setup Time for Stop Condition
t8
0.6
µs
RESET FEATURE
Reset Pulse Width
5
ms
CLOCK OUTPUTS
LLC1 Mark Space Ratio
t9:t10
45:55
55:45
% Duty Cycle
DATA AND CONTROL OUTPUTS
Data Output Transitional Time
t11
Negative Clock Edge to start of valid
data. (tACCESS = t10 – t11)
3.4
ns
Data Output Transitional Time
t12
End of valid data to negative clock
edge. (tHOLD = t9 + t12)
2.4
ns
ANALOG SPECIFICATIONS
Guaranteed by characterization. At AVDD = 3.15 V to 3.45 V, DVDD = 1.65 V to 2.0 V, DVDDIO = 3.0 V to 3.6 V, PVDD = 1.65 V to 2.0 V
(operating temperature range, unless otherwise noted).
Table 4.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
CLAMP CIRCUITRY
External Clamp Capacitor
0.1
µF
Input Impedance
Clamps switched off
10
MΩ
Large Clamp Source Current
0.75
mA
Large Clamp Sink Current
0.75
mA
Fine Clamp Source Current
60
µA
Fine Clamp Sink Current
60
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com