Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7181BBCPZ Datasheet(PDF) 72 Page - Analog Devices

Part # ADV7181BBCPZ
Description  Multiformat SDTV Video Decoder
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7181BBCPZ Datasheet(HTML) 72 Page - Analog Devices

Back Button ADV7181BBCPZ Datasheet HTML 68Page - Analog Devices ADV7181BBCPZ Datasheet HTML 69Page - Analog Devices ADV7181BBCPZ Datasheet HTML 70Page - Analog Devices ADV7181BBCPZ Datasheet HTML 71Page - Analog Devices ADV7181BBCPZ Datasheet HTML 72Page - Analog Devices ADV7181BBCPZ Datasheet HTML 73Page - Analog Devices ADV7181BBCPZ Datasheet HTML 74Page - Analog Devices ADV7181BBCPZ Datasheet HTML 75Page - Analog Devices ADV7181BBCPZ Datasheet HTML 76Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 96 page
background image
ADV7181B
Rev. 0 | Page 72 of 96
Bits
Subaddress
Register
Bit Description
7
6
5
4
3
210
Comments
Notes
0
AV codes to suit 8-bit
interleaved data output
SD_DUP_AV. Duplicates the AV
codes from the Luma into the
chroma path.
1
AV codes duplicated (for
16-bit interfaces)
Reserved
0
Set as default
0
0
0
0
Reserved
0
0
0
1
Reserved
0
1
1
0
16-bit @ LLC1 4:2:2
0
0
1
1
8-bit @ LLC1 4:2:2
ITU-R BT.656
0
1
0
0
Not used
0
1
0
1
Not used
0
1
1
0
Not used
0
1
1
1
Not used
1
0
0
0
Not used
1
0
0
1
Not used
1
0
1
0
Not used
1
0
1
1
Not used
1
1
0
0
Not used
1
1
0
1
Not used
1
1
1
0
Not used
OF_SEL [3:0]. Allows the user to
choose from a set of output formats.
1
1
1
1
Not used
0
Output pins enabled
See also TIM_OE
and TRI_LLC
TOD. Three-state output drivers.
This bit allows the user to three-
state the output drivers: P[19:0], HS,
VS, FIELD, and SFL.
1
Drivers three-stated
0
All lines filtered and scaled
0x03
Output
Control
VBI_EN. Allows VBI data (Lines 1 to
21) to be passed through with only
a minimum amount of filtering
performed.
1
Only active video region
filtered
0
16 < Y < 235, 16 < C < 240
ITU-R BT.656
RANGE. Allows the user to select the
range of output values. Can be
BT656-compliant, or can fill the
whole accessible number range.
1
1 < Y < 254, 1 < C < 254
Extended range
0
SFL output is disabled
EN_SFL_PIN
1
SFL information output on
the SFL pin
SFL output enables
encoder and
decoder to be
connected directly
0
Decode and output color
BL_C_VBI. Blank chroma during VBI.
If set, enables data in the VBI region
to be passed through the decoder
undistorted.
1
Blank Cr and Cb
During VBI
0
HS, VS, F three-stated
TIM_OE. Timing signals output
enable.
1
HS, VS, F forced active
Controlled by TOD
Reserved
x
x
Reserved
1
0
BT656-3-compatible
0x04
Extended
Output
Control
BT656-4. Allows the user to select an
output mode-compatible with
ITU- R BT656-3/4.
1
BT656-4-compatible



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com