Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7181BBCPZ Datasheet(PDF) 22 Page - Analog Devices

Part # ADV7181BBCPZ
Description  Multiformat SDTV Video Decoder
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7181BBCPZ Datasheet(HTML) 22 Page - Analog Devices

Back Button ADV7181BBCPZ Datasheet HTML 18Page - Analog Devices ADV7181BBCPZ Datasheet HTML 19Page - Analog Devices ADV7181BBCPZ Datasheet HTML 20Page - Analog Devices ADV7181BBCPZ Datasheet HTML 21Page - Analog Devices ADV7181BBCPZ Datasheet HTML 22Page - Analog Devices ADV7181BBCPZ Datasheet HTML 23Page - Analog Devices ADV7181BBCPZ Datasheet HTML 24Page - Analog Devices ADV7181BBCPZ Datasheet HTML 25Page - Analog Devices ADV7181BBCPZ Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 96 page
background image
ADV7181B
Rev. 0 | Page 22 of 96
SRLS Select Raw Lock Signal, Address 0x51 [6]
Using the SRLS bit, the user can choose between two sources for
determining the lock status (per Bits [1:0] in the Status 1 register).
•
The time_win signal is based on a line-to-line evaluation of
the horizontal synchronization pulse of the incoming
video. It reacts quite quickly.
•
The free_run signal evaluates the properties of the
incoming video over several fields, and takes vertical
synchronization information into account.
Setting SRLS to 0 (default) selects the free_run signal.
Setting SRLS to 1 selects the time_win signal.
FSCLE Fsc Lock Enable, Address 0x51 [7]
The FSCLE bit allows the user to choose whether the status of
the color subcarrier loop is taken into account when the overall
lock status is determined and presented via Bits [1:0] in Status
Register 1. This bit must be set to 0 when operating the
ADV7181B in YPrPb component mode in order to generate a
reliable HLOCK status bit.
When FSCLE is set to 0 (default), the overall lock status only is
dependent on horizontal sync lock.
When FSCLE is set to 1, the overall lock status is dependent on
horizontal sync lock and Fsc Lock.
CIL[2:0] Count Into Lock, Address 0x51 [2:0]
CIL[2:0] determines the number of consecutive lines for which
the into lock condition must be true before the system switches
into the locked state, and reports this via Status 0 [1:0]. It counts
the value in lines of video.
Table 18. CIL Function
CIL[2:0]
Description
000
1
001
2
010
5
011
10
100 (default)
100
101
500
110
1000
111
100000
COL[2:0] Count Out of Lock, Address 0x51 [5:3]
COL[2:0] determines the number of consecutive lines for which
the out of lock condition must be true before the system
switches into unlocked state, and reports this via Status 0 [1:0].
It counts the value in lines of video.
Table 19. COL Function
COL[2:0]
Description
000
1
001
2
010
5
011
10
100 (default)
100
101
500
110
1000
111
100000
COLOR CONTROLS
These registers allow the user to control picture appearance,
including control of the active data in the event of video being
lost. These controls are independent of any other controls. For
instance, brightness control is independent from picture
clamping, although both controls affect the signal’s dc level.
CON[7:0] Contrast Adjust, Address 0x08 [7:0]
This register allows the user to control contrast adjustment of
the picture.
Table 20. CON Function
CON[7:0]
Description
0x80 (default)
Gain on luma channel = 1.
0x00
Gain on luma channel = 0.
0xFF
Gain on luma channel = 2.
SD_SAT_Cb[7:0] SD Saturation Cb Channel,
Address 0xE3 [7:0]
This register allows the user to control the gain of the Cb
channel only, which in turn adjusts the saturation of the picture.
Table 21. SD_SAT_Cb Function
SD_SAT_Cb[7:0]
Description
0x80 (default)
Gain on Cb channel = 0 dB.
0x00
Gain on Cb channel = −42 dB.
0xFF
Gain on Cb channel = +6 dB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com