Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7181BBCPZ Datasheet(PDF) 5 Page - Analog Devices

Part # ADV7181BBCPZ
Description  Multiformat SDTV Video Decoder
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7181BBCPZ Datasheet(HTML) 5 Page - Analog Devices

  ADV7181BBCPZ Datasheet HTML 1Page - Analog Devices ADV7181BBCPZ Datasheet HTML 2Page - Analog Devices ADV7181BBCPZ Datasheet HTML 3Page - Analog Devices ADV7181BBCPZ Datasheet HTML 4Page - Analog Devices ADV7181BBCPZ Datasheet HTML 5Page - Analog Devices ADV7181BBCPZ Datasheet HTML 6Page - Analog Devices ADV7181BBCPZ Datasheet HTML 7Page - Analog Devices ADV7181BBCPZ Datasheet HTML 8Page - Analog Devices ADV7181BBCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 96 page
background image
ADV7181B
Rev. 0 | Page 5 of 96
SPECIFICATIONS
Temperature range: TMIN to TMAX, –40°C to +85°C. The min/max specifications are guaranteed over this range.
ELECTRICAL CHARACTERISTICS
At AVDD = 3.15 V to 3.45 V, DVDD = 1.65 V to 2.0 V, DVDDIO = 3.0 V to 3.6 V, PVDD = 1.65 V to 2.0 V (operating temperature range, unless
otherwise noted).
Table 1.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
STATIC PERFORMANCE
Resolution (Each ADC)
N
9
Bits
Integral Nonlinearity
INL
BSL at 54 MHz
–0.475/+0.6
−1.5/+2
LSB
Differential Nonlinearity
DNL
BSL at 54 MHz
–0.25/+0.5
–0.7/+2
LSB
DIGITAL INPUTS
Input High Voltage
VIH
2
V
Input Low Voltage
VIL
0.8
V
Input Current
IIN
Pin 29
–50
+50
µA
All other pins
–10
+10
µA
Input Capacitance
CIN
10
pF
DIGITAL OUTPUTS
Output High Voltage
VOH
ISOURCE = 0.4 mA
2.4
V
Output Low Voltage
VOL
ISINK = 3.2 mA
0.4
V
High Impedance Leakage Current
ILEAK
10
µA
Output Capacitance
COUT
20
pF
POWER REQUIREMENTS1
Digital Core Power Supply
DVDD
1.65
1.8
2
V
Digital I/O Power Supply
DVDDIO
3.0
3.3
3.6
V
PLL Power Supply
PVDD
1.65
1.8
2.0
V
Analog Power Supply
AVDD
3.15
3.3
3.45
V
Digital Core Supply Current
IDVDD
80
mA
Digital I/O Supply Current
IDVDDIO
2
mA
PLL Supply Current
IPVDD
10.5
mA
Analog Supply Current
IAVDD
CVBS input2
85
mA
YPrPb input3
180
mA
Power-Down Current
IPWRDN
1.5
mA
Power-Up Time
tPWRUP
20
ms
1 Guaranteed by characterization.
2 ADC1 and ADC2 powered down.
3 All three ADCs powered on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com