Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCNL4100 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # VCNL4100
Description  High Sensitivity Long Distance Proximity and Ambient Light Sensor with I2C Interface
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VCNL4100 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button VCNL4100 Datasheet HTML 2Page - Vishay Siliconix VCNL4100 Datasheet HTML 3Page - Vishay Siliconix VCNL4100 Datasheet HTML 4Page - Vishay Siliconix VCNL4100 Datasheet HTML 5Page - Vishay Siliconix VCNL4100 Datasheet HTML 6Page - Vishay Siliconix VCNL4100 Datasheet HTML 7Page - Vishay Siliconix VCNL4100 Datasheet HTML 8Page - Vishay Siliconix VCNL4100 Datasheet HTML 9Page - Vishay Siliconix VCNL4100 Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
VCNL4100
www.vishay.com
Vishay Semiconductors
Rev. 1.2, 30-Aug-16
6
Document Number: 84319
For technical questions, contact: sensorstechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL PERFORMANCE CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 4 - Normalized Spectral Response
Fig. 5 - ALS Normalized Output vs. View Angle
Fig. 6 - ALS Refresh Time vs. Maximum Detection Range
Fig. 7 - IDD vs.Temperature
Fig. 8 - Relative Radiant Intensity vs. Angular Displacement
Fig. 9 - Relative Radiant Intensity vs. Angular Displacement
PS
ALS
10
100
1000
10000
0
0.1
0.2
0.3
0.4
0.5
0.6
1.1
-90
-60
0
30
90
Axis Title
View Angle
2nd line
0.9
0.8
0.7
-30
60
1.0
10
100
1000
10000
0
10 000
20 000
30 000
40 000
50 000
60 000
70 000
0
2000
4000
6000
10 000
Axis Title
Lux
2nd line
80 ms
160 ms
320 ms
640 ms
8000
10
100
1000
10000
0
0.1
0.2
0.3
0.4
0.5
0.6
1.0
-100 -75
0
25
75
100
Axis Title
View Angle
2nd line
0.9
0.8
0.7
-50
-25
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com