Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCNL4100 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VCNL4100
Description  High Sensitivity Long Distance Proximity and Ambient Light Sensor with I2C Interface
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VCNL4100 Datasheet(HTML) 1 Page - Vishay Siliconix

  VCNL4100 Datasheet HTML 1Page - Vishay Siliconix VCNL4100 Datasheet HTML 2Page - Vishay Siliconix VCNL4100 Datasheet HTML 3Page - Vishay Siliconix VCNL4100 Datasheet HTML 4Page - Vishay Siliconix VCNL4100 Datasheet HTML 5Page - Vishay Siliconix VCNL4100 Datasheet HTML 6Page - Vishay Siliconix VCNL4100 Datasheet HTML 7Page - Vishay Siliconix VCNL4100 Datasheet HTML 8Page - Vishay Siliconix VCNL4100 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
VCNL4100
www.vishay.com
Vishay Semiconductors
Rev. 1.2, 30-Aug-16
1
Document Number: 84319
For technical questions, contact: sensorstechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
High Sensitivity Long Distance Proximity and
Ambient Light Sensor with I2C Interface
DESCRIPTION
VCNL4100 integrates a high sensitivity long distance
proximity sensor (PS), ambient light sensor (ALS), and
940 nm IRED into one small package. It incorporates
photodiodes, amplifiers, and analog to digital converting
circuits into a single chip using a CMOS process. The 16-bit
high resolution ALS offers excellent sensing capabilities
with sufficient selections to fulfill most applications whether
a dark or high transparency lens design. VCNL4100 offers
individual programmable high and low threshold interrupt
features for the best utilization of resources and power
saving on the microcontroller. For the 8-bit proximity
sensing function, VCNL4100 has a built-in intelligent
cancellation scheme that eliminates background light
issues. The persistence feature prevents false judgment of
proximity sensing due to ambient light noise.
The adoption of the patented FiltronTM technology achieves
the closest ambient light spectral sensitivity to real human
eye responses. VCNL4100 provides excellent temperature
compensation capability for keeping the output stable under
changing temperature. ALS and PS functions are easily
operated via the simple command format of I2C (SMBus
compatible) interface protocol. Operating voltage ranges
from 2.5 V to 3.6 V.
PIN DEFINITION
FEATURES
• Package type: surface mount
• Dimensions (L x W x H in mm): 8.0 x 3.0 x 1.8
• Integrated modules: infrared emitter (IRED),
ambient light sensor (ALS), proximity sensor
(PS), and signal conditioning IC
• Operates ALS and PS in parallel structure
•FiltronTM
technology
adoption
for
robust
background light cancellation
• Supports low transmittance (dark) lens design
• Temperature compensation: -40 °C to +85 °C
• Low
power
consumption
I2C
(SMBus
compatible)
interface
• Floor life: 168 h, MSL 3, according to J-STD-020
• Output type: I2C bus (ALS / PS)
• Operation voltage: 2.5 V to 3.6 V
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
PROXIMITY FUNCTION
• Immunity to red glow (940 nm IRED)
• Intelligent background light cancellation
• Smart persistence scheme to reduce PS response time
• Proximity distance up to 1 m
AMBIENT LIGHT FUNCTION
• Fluorescent light flicker immunity
• Spectrum close to real human eye responses
• Selectable maximum detection range (655 / 1311 / 2621 /
5243) lux with highest sensitivity 0.01 lux/step
INTERRUPT
• Programmable interrupt function for ALS and PS with
upper and lower thresholds
• Adjustable persistence to prevent false triggers for ALS
and PS
APPLICATIONS
• Presence detection to activate displays in printers,
copiers, and home appliances
• Collision detection in robots and toys
• Proximity sensing and lighting control in offices, corridors
and public buildings
• Vehicle occupancy detection in parking lots
• Proximity detection in lavatory appliances
1GND
6
LED+
2LED_Cathode
7
NC
3VDD
8INT
4
NC
9
SDAT
5LED-
10
SCLK
9
2
1
3
4
5
6
7
8
10
Top View


Similar Part No. - VCNL4100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VCNL4000 VISHAY-VCNL4000 Datasheet
188Kb / 14P
Fully Integrated Proximity and Ambient Light Sensor with Infrared Emitter and I2C Interface
12-May-11
VCNL4000-GS08 VISHAY-VCNL4000-GS08 Datasheet
188Kb / 14P
Fully Integrated Proximity and Ambient Light Sensor with Infrared Emitter and I2C Interface
12-May-11
VCNL4000-GS18 VISHAY-VCNL4000-GS18 Datasheet
188Kb / 14P
Fully Integrated Proximity and Ambient Light Sensor with Infrared Emitter and I2C Interface
12-May-11
VCNL4010 VISHAY-VCNL4010 Datasheet
206Kb / 16P
Fully Integrated Proximity and Ambient Light Sensor with Infrared Emitter, I2C Interface, and Interrupt Function
23-Feb-12
VCNL4010 VISHAY-VCNL4010 Datasheet
205Kb / 16P
Fully Integrated Proximity and Ambient Light Sensor with Infrared Emitter, I2C Interface, and Interrupt Function
29-Oct-13
More results

Similar Description - VCNL4100

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI1141 SILABS-SI1141 Datasheet
505Kb / 66P
PROXIMITY/AMBIENT LIGHT SENSOR IC WITH I2C INTERFACE
logo
Fairchild Semiconductor
FLD00050 FAIRCHILD-FLD00050 Datasheet
2Mb / 22P
I2C Digital Ambient Light and Proximity Sensor
logo
Vishay Siliconix
VCNL4200 VISHAY-VCNL4200 Datasheet
212Kb / 18P
High Sensitivity Long Distance Proximity and Ambient Light Sensor With I2C Interface
22-Sep-17
logo
Everlight Electronics C...
EAAPMST3923A2 EVERLIGHT-EAAPMST3923A2 Datasheet
836Kb / 20P
Ambient Light Sensor and Proximity Sensor with I2C Interface
EAAPMST3923A3 EVERLIGHT-EAAPMST3923A3 Datasheet
726Kb / 23P
Ambient Light Sensor and Proximity Sensor with I2C Interface
logo
Silicon Laboratories
SI1143-M01-GMR SILABS-SI1143-M01-GMR Datasheet
1Mb / 79P
PROXIMITY/AMBIENT LIGHT SENSOR MODULE WITH I2C INTERFACE
Rev. 1.1 12/14
SI1153-AB9X-GMR SILABS-SI1153-AB9X-GMR Datasheet
918Kb / 61P
Proximity/Ambient Light Sensor IC with I2C Interface
Rev. 1.3
logo
Vishay Siliconix
VCNL4200 VISHAY-VCNL4200_V01 Datasheet
230Kb / 18P
High Sensitivity Long Distance Proximity and Ambient Light Sensor With I2C Interface
20-Jul-2022
VCNL4200 VISHAY-VCNL4200_V02 Datasheet
231Kb / 18P
High Sensitivity Long Distance Proximity and Ambient Light Sensor With I2C Interface
20-Jul-2022
logo
Silicon Laboratories
SI115X SILABS-SI115X Datasheet
1Mb / 65P
Proximity/Ambient Light Sensor IC with I2C Interface
Rev. 1.4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com