Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCNL4100 Datasheet(PDF) 9 Page - Vishay Siliconix

Part # VCNL4100
Description  High Sensitivity Long Distance Proximity and Ambient Light Sensor with I2C Interface
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VCNL4100 Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button VCNL4100 Datasheet HTML 5Page - Vishay Siliconix VCNL4100 Datasheet HTML 6Page - Vishay Siliconix VCNL4100 Datasheet HTML 7Page - Vishay Siliconix VCNL4100 Datasheet HTML 8Page - Vishay Siliconix VCNL4100 Datasheet HTML 9Page - Vishay Siliconix VCNL4100 Datasheet HTML 10Page - Vishay Siliconix VCNL4100 Datasheet HTML 11Page - Vishay Siliconix VCNL4100 Datasheet HTML 12Page - Vishay Siliconix VCNL4100 Datasheet HTML 13Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
VCNL4100
www.vishay.com
Vishay Semiconductors
Rev. 1.2, 30-Aug-16
9
Document Number: 84319
For technical questions, contact: sensorstechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Command Register Format
VCNL4100 provides an 8-bit command register for ALS and PS controlling independently. The description of each command
format is shown in following tables.
TABLE 2 - REGISTER: ALS_CONF DESCRIPTION
REGISTER NAME
COMMAND CODE: 0xH_L (0xH DATA BYTE LOW) OR 0xH_H (0xH DATA BYTE HIGH)
Command
Bit
765
43210
ALS_CONF
COMMAND CODE: 00H_L (00H DATA BYTE LOW)
Command
Bit
Description
ALS_IT
7 : 6
(0 : 0) = 80 ms; (0 : 1) = 160 ms; (1 : 0) = 320 ms; (1 : 1) = 640 ms
ALS integration time setting, longer integration time has higher sensitivity
Reserved
5 : 4
Default = (0 : 0), reserved
ALS_PERS
3 : 2
(0 : 0) = 1, (0 : 1) = 2, (1 : 0) = 4, (1 : 1) = 8
ALS interrupt persistence setting
ALS_INT_EN
1
0 = ALS interrupt disable, 1 = ALS interrupt enable
ALS_SD
0
0 = ALS power on, 1 = ALS shut down
TABLE 3 - REGISTER: RESERVE COMMAND DESCRIPTION
Reserved
COMMAND CODE: 00H_H (00H DATA BYTE HIGH)
Command
Bit
Description
Reserved
7 : 0
Default = 00H
TABLE 4 - REGISTER ALS_THDH_L AND ALS_THDH_M DESCRIPTION
ALS_THDH_L
ALS_THDH_M
COMMAND CODE: 01H_L (01H DATA BYTE LOW)
COMMAND CODE: 01H_H (01H DATA BYTE HIGH)
Register
Bit
Description
ALS_THDH_L
7 : 0
00H to FFH, ALS high interrupt threshold LSB byte
ALS_THDH_M
7 : 0
00H to FFH, ALS high interrupt threshold MSB byte
TABLE 5 - REGISTER: ALS_THDL_L AND ALS_THDL_M DESCRIPTION
ALS_THDL_L
ALS_THDL_M
COMMAND CODE: 02H_L (02H DATA BYTE LOW)
COMMAND CODE: 02H_H (02H DATA BYTE HIGH)
Register
Bit
Description
ALS_THDL_L
7 : 0
00H to FFH, ALS low interrupt threshold LSB byte
ALS_THDL_M
7 : 0
00H to FFH, ALS low interrupt threshold MSB byte
TABLE 6 - REGISTER: PS_CONF1 DESCRIPTION
PS_CONF1
COMMAND CODE: 03H_L (03H DATA BYTE LOW)
Command
Bit
Description
PS_Duty
7 : 6
(0 : 0) = 1/5120, (0 : 1) = 1/640, (1 : 0) = 1/80, (1 : 1) = 1/20
PS IRED on / off duty ratio setting
PS_ IT
5 : 4
(0 : 0) = 1T, (0 : 1) = 1.3T, (1 : 0) = 1.6T, (1 : 1) = 2T
PS integration time setting
PS_PERS
3 : 2
(0 : 0) = 1, (0 : 1) = 2, (1 : 0) = 3, (1 : 1) = 4
PS interrupt persistence setting
Reserved
1
Default = 0, reserved
PS_SD
0
0 = PS power on, 1 = PS shut down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com