Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCNL4100 Datasheet(PDF) 10 Page - Vishay Siliconix

Part # VCNL4100
Description  High Sensitivity Long Distance Proximity and Ambient Light Sensor with I2C Interface
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VCNL4100 Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button VCNL4100 Datasheet HTML 6Page - Vishay Siliconix VCNL4100 Datasheet HTML 7Page - Vishay Siliconix VCNL4100 Datasheet HTML 8Page - Vishay Siliconix VCNL4100 Datasheet HTML 9Page - Vishay Siliconix VCNL4100 Datasheet HTML 10Page - Vishay Siliconix VCNL4100 Datasheet HTML 11Page - Vishay Siliconix VCNL4100 Datasheet HTML 12Page - Vishay Siliconix VCNL4100 Datasheet HTML 13Page - Vishay Siliconix VCNL4100 Datasheet HTML 14Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
VCNL4100
www.vishay.com
Vishay Semiconductors
Rev. 1.2, 30-Aug-16
10
Document Number: 84319
For technical questions, contact: sensorstechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TABLE 7 - REGISTER: PS_CONF2 DESCRIPTION
PS_CONF2
COMMAND CODE: 03H_H (03H DATA BYTE HIGH)
Command
Bit
Description
PS_ITB
7 : 6
(0 : 0) = 1/2T, (0 : 1) = 1T, (1 : 0) = 2T, (1 : 1) = 4T
PS IT bank setting
PS_GAIN
5 : 4
(0 : 0) = /4, (0 : 1) = /2, (1 : 0) = 1, (1 : 1) = 2
Reserved
3
Default = 0, reserved
PS_SP_INT_EN
2
0 = disable INT function for PS enter / leave sunlight protection mode
1 = issue INT while PS enter / leave sunlight protection mode. While PS enter sunlight protection mode,
the PS output will keep 0xFF
Reserved
1
Default = 0, reserved
PS_INT_EN
0
0 = PS INT function disable
1 = PS INT function enable
TABLE 8 - REGISTER: PS_CONF3 DESCRIPTION
PS_CONF3
COMMAND CODE: 04H_L (04H DATA BYTE LOW)
Command
Bit
Description
PS_AV
7 : 6
(0 : 0) = /2, (0 : 1) = /4, (1 : 0) = /8, (1 : 1) = /16
PS_AV_EN
5
0 = PS average function disable, 1 = PS average function enable
Reserved
4
Default = 0, reserved
PS_AF
3
0 = active force mode disable (normal mode), 1 = active force mode enable
PS_TRIG
2
0 = no PS active force mode trigger, 1 = trigger one time cycle
VCNL4100 output one cycle data every time host writes in “1” to sensor. The state returns to “0”
automatically.
PS_MPULSE
1
0 = disable, 1 = enable
PS multi pulse mode setting; PS multi pulse number set by PS_AV [1 : 0]
Reserved
0
Default = 0, reserved
TABLE 9 - REGISTER: PS_MS DESCRIPTION
Reserved
COMMAND CODE: 04H_H (04H DATA BYTE HIGH)
Command
Bit
Description
PS_SPO
7 : 0
Set initial value = 0xA0 (PS_OUT = 0xFF while PS into sunlight protection
Set initial value = 0x20 (PS_OUT = 0x00 while PS into sunlight protection
TABLE 10 - REGISTER RESERVE COMMAND DESCRIPTION
Reserved
COMMAND CODE: 05H_L (05H DATA BYTE LOW)
Register
Bit
Description
Reserved
7 : 0
Default = 00H
TABLE 11 - REGISTER: RESERVE COMMAND DESCRIPTION
Reserved
COMMAND CODE: 05H_H (05H DATA BYTE HIGH)
Register
Bit
Description
Reserved
7 : 0
Default = 00H
TABLE 12 - REGISTER: PS_THDL DESCRIPTION
PS_THDL
COMMAND CODE: 06H_L (06H DATA BYTE LOW)
Register
Bit
Description
PS_THDL
7 : 0
00H to FFH, PS low interrupt threshold setting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com