Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCNL4100 Datasheet(PDF) 11 Page - Vishay Siliconix

Part # VCNL4100
Description  High Sensitivity Long Distance Proximity and Ambient Light Sensor with I2C Interface
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VCNL4100 Datasheet(HTML) 11 Page - Vishay Siliconix

Back Button VCNL4100 Datasheet HTML 7Page - Vishay Siliconix VCNL4100 Datasheet HTML 8Page - Vishay Siliconix VCNL4100 Datasheet HTML 9Page - Vishay Siliconix VCNL4100 Datasheet HTML 10Page - Vishay Siliconix VCNL4100 Datasheet HTML 11Page - Vishay Siliconix VCNL4100 Datasheet HTML 12Page - Vishay Siliconix VCNL4100 Datasheet HTML 13Page - Vishay Siliconix VCNL4100 Datasheet HTML 14Page - Vishay Siliconix VCNL4100 Datasheet HTML 15Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
VCNL4100
www.vishay.com
Vishay Semiconductors
Rev. 1.2, 30-Aug-16
11
Document Number: 84319
For technical questions, contact: sensorstechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Adjustable Sampling Time
VCNL4100’s embedded LED driver drives the external IRED with the “LED CATHODE” pin by a pulsed duty cycle. The
IRED on / off duty ratio can be programmable by I2C command at register: PS_Duty is related to the current consumption and
PS response time. The higher the duty ratio selected, the faster response time achieved with higher power consumption.
TABLE 13 - REGISTER: PS_THDH DESCRIPTION
PS_THDH
COMMAND CODE: 06H_H (06H DATA BYTE HIGH)
Register
Bit
Description
PS_THDH
7 : 0
00H to FFH, PS high interrupt threshold setting
TABLE 14 - REGISTER: RESERVE COMMAND DESCRIPTION
Reserved
COMMAND CODE: 07H_L (07H DATA BYTE LOW)
Register
Bit
Description
Reserved
7 : 0
Default = 00H
TABLE 15 - REGISTER: RESERVE COMMAND DESCRIPTION
Reserved
COMMAND CODE: 07H_H (07H DATA BYTE HIGH)
Register
Bit
Description
Reserved
7 : 0
Default = 00H
TABLE 16 - READ OUT REGISTER DESCRIPTION
REGISTER
COMMAND CODE
BIT
DESCRIPTION
PS_Data
08H_L (08H data byte low)
7 : 0
00H to FFH, PS output data
Reserved
08H_H (08H data byte high)
7 : 0
Default = 00H
ALS_Data_L
09H_L (09H data byte low)
7 : 0
00H to FFH, ALS LSB output data
ALS_Data_M
09H_H (09H data byte high)
7 : 0
00H to FFH, ALS MSB output data
Reserved
0AH_L (0AH data byte low)
7 : 0
Reserved
0AH_H (0AH data byte high)
7 : 0
Reserved
0BH_L (0BH data byte low)
7 : 0
Default = 00H
INT_Flag
0BH_H (0BH data byte high)
7
6
5
4
3
2
1
0
PS_SPF_LEAVE, PS leaving protection mode
PS_SPF_ENTER, PS entering protection mode
ALS_IF_L, ALS crossing low THD INT trigger event
ALS_IF_H, ALS crossing high THD INT trigger event
Default = 0, reserved
Default = 0, reserved
PS_IF_CLOSE, PS rise above PS_THDH INT trigger event
PS_IF_AWAY, PS drop below PS_THDL INT trigger event



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com