Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCNL4100 Datasheet(PDF) 15 Page - Vishay Siliconix

Part # VCNL4100
Description  High Sensitivity Long Distance Proximity and Ambient Light Sensor with I2C Interface
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VCNL4100 Datasheet(HTML) 15 Page - Vishay Siliconix

Back Button VCNL4100 Datasheet HTML 9Page - Vishay Siliconix VCNL4100 Datasheet HTML 10Page - Vishay Siliconix VCNL4100 Datasheet HTML 11Page - Vishay Siliconix VCNL4100 Datasheet HTML 12Page - Vishay Siliconix VCNL4100 Datasheet HTML 13Page - Vishay Siliconix VCNL4100 Datasheet HTML 14Page - Vishay Siliconix VCNL4100 Datasheet HTML 15Page - Vishay Siliconix VCNL4100 Datasheet HTML 16Page - Vishay Siliconix VCNL4100 Datasheet HTML 17Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
VCNL4100
www.vishay.com
Vishay Semiconductors
Rev. 1.2, 30-Aug-16
15
Document Number: 84319
For technical questions, contact: sensorstechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
RECOMMENDED INFRARED REFLOW
Soldering conditions which are based on J-STD-020 C.
Recommend Normal Solder Reflow is 235 °C to 255 °C.
Fig. 15 - VCNL4100 Solder Reflow Profile Chart
RECOMMENDED IRON TIP SOLDERING CONDITION AND WARNING HANDLING
1. Solder the device with the following conditions:
1.1. Soldering temperature: 400 °C (max.)
1.2. Soldering time: 3 s (max.)
2. If the temperature of the method portion rises in addition to the residual stress between the leads, the possibility that an
open or short circuit occurs due to the deformation or destruction of the resin increases.
3. The following methods: VPS and wave soldering, have not been suggested for the component assembly.
4. Cleaning method conditions:
4.1. Solvent: methyl alcohol, ethyl alcohol, isopropyl alcohol
4.2. Solvent temperature < 45 °C (max.)
4.3. Time: 3 minutes (min.)
IR REFLOW PROFILE CONDITION
PARAMETER
CONDITIONS
TEMPERATURE
TIME
Peak temperature
255 °C + 0 °C / - 5 °C (max.: 260 °C)
10 s
Preheat temperature range and timing
150 °C to 200 °C
60 s to 180 s
Timing within 5 °C to peak temperature
10 s to 30 s
Timing maintained above temperature / time
217 °C
60 s to 150 s
Timing from 25 °C to peak temperature
8 min (max.)
Ramp-up rate
3 °C/s (max.)
Ramp-down rate
6 °C/s (max.)
200
150
217
255
Max. Temperature
(260 °C + 0 °C / - 5 °C)/10 s
Soldering Zone
60 s to 150 s
Time (s)
t
2
t
1
Ramp-Down Rate
6 °C/s (max.)
Pre-Heating Time
t
2 - t1 = 60 s to 180 s
Ramp-Up Rate
3 °C/s (max.)
Ramp-Up Rate
3 °C/s (max.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com