Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCNL4100 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # VCNL4100
Description  High Sensitivity Long Distance Proximity and Ambient Light Sensor with I2C Interface
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VCNL4100 Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button VCNL4100 Datasheet HTML 3Page - Vishay Siliconix VCNL4100 Datasheet HTML 4Page - Vishay Siliconix VCNL4100 Datasheet HTML 5Page - Vishay Siliconix VCNL4100 Datasheet HTML 6Page - Vishay Siliconix VCNL4100 Datasheet HTML 7Page - Vishay Siliconix VCNL4100 Datasheet HTML 8Page - Vishay Siliconix VCNL4100 Datasheet HTML 9Page - Vishay Siliconix VCNL4100 Datasheet HTML 10Page - Vishay Siliconix VCNL4100 Datasheet HTML 11Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
VCNL4100
www.vishay.com
Vishay Semiconductors
Rev. 1.2, 30-Aug-16
7
Document Number: 84319
For technical questions, contact: sensorstechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
APPLICATION INFORMATION
Pin Connection with the Host
VCNL4100 is a cost effective solution of a long distance proximity sensor with I2C interface. The standard serial digital interface
easily accesses “light intensity” by using simple calculations.
Application circuitry below shows the added MOSFET which is driven by the ASIC’s pin 2. A 22 k
 pull-up resistor needs to be
added here. The RLED defines the current through the IRED. A small 0.1 μF is sufficient at VDD for power supply noise rejection,
but a 2.2 μF should be placed at VIRED to provide the energy for the IRED.
For the I2C bus design, the pull-up voltage refers to the I/O specification of the baseband due to its “open drain” design. The
pull-high resistors for the I2C bus lines are recommended to be
 2.2 k.
Fig. 10 - Application Diagram
Notes
•VDD range: 2.5 V to 3.6 V and VIRED is recommended 5.0 V
• Power path of VDD and VIRED should be routed separately up to stable power source.
•The RLED resister value should be evaluated within ready-made application and the current through VCNL4100-internal IRED should not
exceed 800 mA.
Digital Interface
VCNL4100 applies single 8-bit slave address 0xC0 (HEX) following I2C protocol. All operations can be controlled by the
command register. The simple command structure helps users easily program the operation setting and latch the light data from
VCNL4100. As fig. 11 shows, VCNL4100’s I2C command format is simple for read and write operations between VCNL4100
and the host. The white sections indicate host activity and the gray sections indicate VCNL4100’s acknowledgement of the host
access activity. Write word and read word protocols are suitable for accessing registers particularly for 16-bit ALS data and
8-bit PS data. Interrupt can be cleared by reading data out from register: INT_Flag.
Fig. 11 - Command Protocol Format
V
DD
INT
INT
SCLK
VCNL4100
LED
CATHODE
10
9
3
2
1
0.1 μF
GND
SCK
SDA
8
V
IRED
2.2 μF
2.2 k
Ω
V
pull up
V
DD
PMOS
S
G
D
2.7
Ω
R
LED
LED+
LED-
6
5
2.2 k
Ω
20 k
Ω
MCU
SCLK
SDAT
8.2 k
Ω
INT
S
Slave Address
Wr
A
Command Code
A
Data Byte Low
A
Data Byte High
A
17
8
11
1
818
P
11
Send Byte
Write Command to VCNL4100
1
Slave Address
7
Wr
A
Command Code
A
S
Slave Address
Rd
A
Data Byte Low
A
Data Byte High
A
P
11
8
1
1
71
1
8
18
11
S
Receive Byte
Read Data from VCNL4100
S = start condition
P = stop condition
A = acknowledge
Shaded area = VCNL4100 acknowledge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com