Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCNL4100 Datasheet(PDF) 13 Page - Vishay Siliconix

Part # VCNL4100
Description  High Sensitivity Long Distance Proximity and Ambient Light Sensor with I2C Interface
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VCNL4100 Datasheet(HTML) 13 Page - Vishay Siliconix

Back Button VCNL4100 Datasheet HTML 9Page - Vishay Siliconix VCNL4100 Datasheet HTML 10Page - Vishay Siliconix VCNL4100 Datasheet HTML 11Page - Vishay Siliconix VCNL4100 Datasheet HTML 12Page - Vishay Siliconix VCNL4100 Datasheet HTML 13Page - Vishay Siliconix VCNL4100 Datasheet HTML 14Page - Vishay Siliconix VCNL4100 Datasheet HTML 15Page - Vishay Siliconix VCNL4100 Datasheet HTML 16Page - Vishay Siliconix VCNL4100 Datasheet HTML 17Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
VCNL4100
www.vishay.com
Vishay Semiconductors
Rev. 1.2, 30-Aug-16
13
Document Number: 84319
For technical questions, contact: sensorstechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Interrupt Flag
Register: INT_Flag represents all of interrupt trigger status for ALS and PS. Any flag value changes from “0” to “1” state, the
level of INT pin will be pulled low. As long as host reads INT_Flag data, the bit will change from “1” state to “0” state after reading
out. The INT level will be returned to high afterwards.
PROXIMITY DETECTION HYSTERESIS
A PS detection hysteresis is important to keep the PS state in a certain range of detection distance. For example, PS INT asserts
when PS value over PS_THDH. Host switches on panel backlight and then clears INT. When PS value is less than PS_THDL,
host switches off panel backlight. Any PS value lower than PS_THDH or higher than PS_THDL PS INT will not be asserted. Host
keeps the same state.
PACKAGE INFORMATION in millimeters
Fig. 12 - VCNL4100 Package Dimensions
3.0 ± 0.1
1
5
6
10
Ø 1.7
Ø 2.05
Top View
10
5
1
1.0
1.2
0.8
1
2
3
4
5
10
9
8
7
6
Bottom View
1.8 ± 0.1
Side View
GND
LED_Cathode
VDD
NC
LED-
LED+
NC
INT
SDAT
SCLK
1
2
3
4
5
6
7
8
9
10
1.7
For Reflow Soldering (PCB Footprint)
1.2
6
Sensor
LED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com