Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCNL4100 Datasheet(PDF) 14 Page - Vishay Siliconix

Part # VCNL4100
Description  High Sensitivity Long Distance Proximity and Ambient Light Sensor with I2C Interface
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VCNL4100 Datasheet(HTML) 14 Page - Vishay Siliconix

Back Button VCNL4100 Datasheet HTML 9Page - Vishay Siliconix VCNL4100 Datasheet HTML 10Page - Vishay Siliconix VCNL4100 Datasheet HTML 11Page - Vishay Siliconix VCNL4100 Datasheet HTML 12Page - Vishay Siliconix VCNL4100 Datasheet HTML 13Page - Vishay Siliconix VCNL4100 Datasheet HTML 14Page - Vishay Siliconix VCNL4100 Datasheet HTML 15Page - Vishay Siliconix VCNL4100 Datasheet HTML 16Page - Vishay Siliconix VCNL4100 Datasheet HTML 17Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
VCNL4100
www.vishay.com
Vishay Semiconductors
Rev. 1.2, 30-Aug-16
14
Document Number: 84319
For technical questions, contact: sensorstechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
LAYOUT NOTICE AND REFERENCE CIRCUIT
Circuit Layout Reference
Fig. 13 - Suggested VCNL4100 Layout
APPLICATION CIRCUIT BLOCK REFERENCE
Fig. 14 - VCNL4100 Application Circuit
Notes
•VDD range: 2.5 V to 3.6 V and VIRED is recommended 5.0 V
• Power path of VDD and VIRED should be independent layout
•The RLED resistor value is reference for test stage, it should be adjusted again for the product usage basing on the power and the lens final
design.
RECOMMENDED STORAGE AND REBAKING CONDITIONS
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
Storage temperature
5
50
°C
Relative humidity
-
60
%
Open time
-
168
h
Total time
From the date code on the aluminized envelope (unopened)
-
12
months
Rebaking
Tape and reel: 60 °C
-
22
h
Tube: 60 °C
-
22
h
V
DD
INT
INT
SCLK
VCNL4100
LED
CATHODE
10
9
3
2
1
0.1 μF
GND
SCK
SDA
8
V
IRED
2.2 μF
2.2 k
Ω
V
pull up
V
DD
PMOS
S
G
D
2.7
Ω
R
LED
LED+
LED-
6
5
2.2 k
Ω
20 k
Ω
MCU
SCLK
SDAT
8.2 k
Ω
INT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com