Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2292 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # LPC2292
Description  16/32-bit ARM microcontrollers 256 kB ISP/IAP Flash with CAN, 10-bit ADC and external memory interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2292 Datasheet(HTML) 5 Page - NXP Semiconductors

  LPC2292 Datasheet HTML 1Page - NXP Semiconductors LPC2292 Datasheet HTML 2Page - NXP Semiconductors LPC2292 Datasheet HTML 3Page - NXP Semiconductors LPC2292 Datasheet HTML 4Page - NXP Semiconductors LPC2292 Datasheet HTML 5Page - NXP Semiconductors LPC2292 Datasheet HTML 6Page - NXP Semiconductors LPC2292 Datasheet HTML 7Page - NXP Semiconductors LPC2292 Datasheet HTML 8Page - NXP Semiconductors LPC2292 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
Philips Semiconductors
LPC2292/LPC2294
16/32-bit ARM microcontrollers with external memory interface
Preliminary data
Rev. 01 — 05 February 2004
5 of 40
9397 750 12748
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
5.2 Pin description
Table 3:
Pin description
Symbol
Pin
Type
Description
P0.0 to P0.31
42, 49, 50,
58, 59, 61,
68, 69, 75,
76, 78,
83-85, 92,
99, 100, 101,
121-123, 4-6,
8, 21, 23, 25,
3, 2, 33
I/O
Port 0: Port 0 is a 32-bit bi-directional I/O port with individual direction
controls for each bit. The operation of port 0 pins depends upon the pin
function selected via the Pin Connect Block.
Pins 26 and 31 of port 0 are not available.
P0.0
42
O
TxD0 — Transmitter output for UART0.
O
PWM1 — Pulse Width Modulator output 1.
P0.1
49
I
RxD0 — Receiver input for UART0.
O
PWM3 — Pulse Width Modulator output 3.
I
EINT0 — External interrupt 0 input
P0.2
50
I/O
SCL — I2C clock input/output. Open drain output (for I2C compliance).
I
CAP0.0 — Capture input for Timer0, channel 0.
P0.3
58
I/O
SDA — I2C data input/output. Open drain output (for I2C compliance).
O
MAT0.0 — Match output for Timer0, channel 0.
I
EINT1 — External interrupt 1 input.
P0.4
59
I/O
SCK0 — Serial clock for SPI0. SPI clock output from master or input to slave.
I
CAP0.1 — Capture input for Timer0, channel 1.
P0.5
61
I/O
MISO0 — Master In Slave OUT for SPI0. Data input to SPI master or data
output from SPI slave.
O
MAT0.1 — Match output for Timer0, channel 1.
P0.6
68
I/O
MOSI0 — Master Out Slave In for SPI0. Data output from SPI master or data
input to SPI slave.
I
CAP0.2 — Capture input for Timer0, channel 2.
P0.7
69
I
SSEL0 — Slave Select for SPI0. Selects the SPI interface as a slave.
O
PWM2 — Pulse Width Modulator output 2.
I
EINT2 — External interrupt 2 input.
P0.8
75
O
TxD1 — Transmitter output for UART1.
O
PWM4 — Pulse Width Modulator output 4.
P0.9
76
I
RxD1 — Receiver input for UART1.
O
PWM6 — Pulse Width Modulator output 6.
I
EINT3 — External interrupt 3 input.
P0.10
78
O
RTS1 — Request to Send output for UART1.
I
CAP1.0 — Capture input for Timer1, channel 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com