Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2292 Datasheet(PDF) 20 Page - NXP Semiconductors

Part # LPC2292
Description  16/32-bit ARM microcontrollers 256 kB ISP/IAP Flash with CAN, 10-bit ADC and external memory interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2292 Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button LPC2292 Datasheet HTML 16Page - NXP Semiconductors LPC2292 Datasheet HTML 17Page - NXP Semiconductors LPC2292 Datasheet HTML 18Page - NXP Semiconductors LPC2292 Datasheet HTML 19Page - NXP Semiconductors LPC2292 Datasheet HTML 20Page - NXP Semiconductors LPC2292 Datasheet HTML 21Page - NXP Semiconductors LPC2292 Datasheet HTML 22Page - NXP Semiconductors LPC2292 Datasheet HTML 23Page - NXP Semiconductors LPC2292 Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
Philips Semiconductors
LPC2292/LPC2294
16/32-bit ARM microcontrollers with external memory interface
Preliminary data
Rev. 01 — 05 February 2004
20 of 40
9397 750 12748
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
6.10 External memory controller
The external Static Memory Controller is a module which provides an interface
between the system bus and external (off-chip) memory devices. It provides support
for up to four independently configurable memory banks (16 MBytes each with byte
lane enable control) simultaneously. Each memory banks is capable of supporting
SRAM, ROM, Flash EPROM, Burst ROM memory, or some external I/O devices.
Each memory bank may be 8, 16, or 32 bits wide.
6.11 General purpose parallel I/O
Device pins that are not connected to a specific peripheral function are controlled by
the GPIO registers. Pins may be dynamically configured as inputs or outputs.
Separate registers allow setting or clearing any number of outputs simultaneously.
The value of the output register may be read back, as well as the current state of the
port pins.
6.11.1
Features
• Direction control of individual bits.
• Separate control of output set and clear.
• All I/O default to inputs after reset.
6.12 10-bit A/D converter
The LPC2292/LPC2294 each contain single 10-bit successive approximation analog
to digital converter with eight multiplexed channels.
6.12.1
Features
• Measurement range of 0 V to 3 V.
• Capable of performing more than 400,000 10-bit samples per second.
• Burst conversion mode for single or multiple inputs.
• Optional conversion on transition on input pin or Timer Match signal.
6.13 CAN controllers and acceptance filter
The LPC2292/LPC2294 each contain two/four CAN controllers. The Controller Area
network (CAN) is a serial communications protocol which efficiently supports
distributed real-time control with a very high level of security. Its domain of application
ranges from high speed networks to low cost multiplex wiring.
6.13.1
Features
• Data rates up to 1 Mbit/s on each bus.
• 32-bit register and RAM access.
• Compatible with CAN specification 2.0B, ISO 11898-1.
• Global Acceptance Filter recognizes 11 and 29-bit Rx identifiers for all CAN buses.
• Acceptance Filter can provide FullCAN-style automatic reception for selected
Standard identifiers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com