Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2292 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # LPC2292
Description  16/32-bit ARM microcontrollers 256 kB ISP/IAP Flash with CAN, 10-bit ADC and external memory interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2292 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button LPC2292 Datasheet HTML 12Page - NXP Semiconductors LPC2292 Datasheet HTML 13Page - NXP Semiconductors LPC2292 Datasheet HTML 14Page - NXP Semiconductors LPC2292 Datasheet HTML 15Page - NXP Semiconductors LPC2292 Datasheet HTML 16Page - NXP Semiconductors LPC2292 Datasheet HTML 17Page - NXP Semiconductors LPC2292 Datasheet HTML 18Page - NXP Semiconductors LPC2292 Datasheet HTML 19Page - NXP Semiconductors LPC2292 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
Philips Semiconductors
LPC2292/LPC2294
16/32-bit ARM microcontrollers with external memory interface
Preliminary data
Rev. 01 — 05 February 2004
16 of 40
9397 750 12748
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
[1]
CAN Controller 4 is available in LPC2294 only. Fields in the table related to CAN4 have Reserved
value for LPC2292.
6.8 Pin function select register 1 (PINSEL1 - 0xE002C004)
The PINSEL1 register controls the functions of the pins as per the settings listed in
Table 7. The direction control bit in the IODIR register is effective only when the GPIO
function is selected for a pin. For other functions direction is controlled automatically.
Settings other than those shown in the table are reserved, and should not be used.
23:22
P0.11
0
0
GPIO Port 0.11
0
0
1
CTS (UART1)
1
0
Capture 1.1 (Timer1)
1
1
Reserved
25:24
P0.12
0
0
GPIO Port 0.12
0
0
1
DSR (UART1)
1
0
Match 1.0 (Timer1)
1
1
RD4[1] (CAN Controller
4)
27:26
P0.13
0
0
GPIO Port 0.13
0
0
1
DTR (UART1)
1
0
Match 1.1 (Timer1)
1
1
TD4[1] (CAN Controller
4)
29:28
P0.14
0
0
GPIO Port 0.14
0
0
1
DCD (UART1)
1
0
EINT1
1
1
Reserved
31:30
P0.15
0
0
GPIO Port 0.15
0
0
1
RI (UART1)
1
0
EINT2
1
1
Reserved
Table 6:
Pin function select register 0 (PINSEL0 - 0xE002C000)…continued
PINSEL0
Pin name
Value
Function
Value after Reset
Table 7:
Pin function select register 1 (PINSEL1 - 0xE002C004)
PINSEL1
Pin Name
Value
Function
Value after
Reset
1:0
P0.16
0
0
GPIO Port 0.16
0
0
1
EINT0
1
0
Match 0.2 (Timer0)
1
1
Reserved
3:2
P0.17
0
0
GPIO Port 0.17
0
0
1
Capture 1.2 (Timer1)
1
0
SCK (SPI1)
1
1
Match 1.2 (Timer1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com