Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2292 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # LPC2292
Description  16/32-bit ARM microcontrollers 256 kB ISP/IAP Flash with CAN, 10-bit ADC and external memory interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2292 Datasheet(HTML) 2 Page - NXP Semiconductors

  LPC2292 Datasheet HTML 1Page - NXP Semiconductors LPC2292 Datasheet HTML 2Page - NXP Semiconductors LPC2292 Datasheet HTML 3Page - NXP Semiconductors LPC2292 Datasheet HTML 4Page - NXP Semiconductors LPC2292 Datasheet HTML 5Page - NXP Semiconductors LPC2292 Datasheet HTML 6Page - NXP Semiconductors LPC2292 Datasheet HTML 7Page - NXP Semiconductors LPC2292 Datasheet HTML 8Page - NXP Semiconductors LPC2292 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
Philips Semiconductors
LPC2292/LPC2294
16/32-bit ARM microcontrollers with external memory interface
Preliminary data
Rev. 01 — 05 February 2004
2 of 40
9397 750 12748
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
s 60 MHz maximum CPU clock available from programmable on-chip
Phase-Locked Loop.
s On-chip crystal oscillator with an operating range of 1 MHz to 30 MHz.
s Two low power modes, Idle and Power-down.
s Processor wake-up from Power-down mode via external interrupt.
s Individual enable/disable of peripheral functions for power optimization.
s Dual power supply:
x CPU operating voltage range of 1.65 V to 1.95 V (1.8 V
±0.15 V).
x I/O power supply range of 3.0 V to 3.6 V (3.3 V
±10%) with 5 V tolerant I/O
pads.
3.
Ordering information
3.1 Ordering options
Table 1:
Ordering information
Type number
Package
Name
Description
Version
LPC2292FBD144 LQFP144
plastic low profile quad flat package,
144 leads, body 20
× 20 × 1.4 mm
SOT486-1
LPC2294JBD144
LQFP144
plastic low profile quad flat package,
144 leads, body 20
× 20 × 1.4 mm
SOT486-1
Table 2:
Part options
Type number
Flash memory
RAM
CAN
Temperature
range (
°C)
LPC2292FBD144
256 kB
16 kB
2 channels
−40 to +85
LPC2294JBD144
256 kB
16 kB
4 channels
−40 to +125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com