Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2292 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # LPC2292
Description  16/32-bit ARM microcontrollers 256 kB ISP/IAP Flash with CAN, 10-bit ADC and external memory interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2292 Datasheet(HTML) 1 Page - NXP Semiconductors

  LPC2292 Datasheet HTML 1Page - NXP Semiconductors LPC2292 Datasheet HTML 2Page - NXP Semiconductors LPC2292 Datasheet HTML 3Page - NXP Semiconductors LPC2292 Datasheet HTML 4Page - NXP Semiconductors LPC2292 Datasheet HTML 5Page - NXP Semiconductors LPC2292 Datasheet HTML 6Page - NXP Semiconductors LPC2292 Datasheet HTML 7Page - NXP Semiconductors LPC2292 Datasheet HTML 8Page - NXP Semiconductors LPC2292 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
LPC2292/LPC2294
16/32-bit ARM microcontrollers; 256 kB ISP/IAP Flash with
CAN, 10-bit ADC and external memory interface
Rev. 01 — 05 February 2004
Preliminary data
1.
General description
The LPC2292/LPC2294 are based on a 16/32 bit ARM7TDMI-S™ CPU with real-time
emulation and embedded trace support, together with 256 kilobytes (kB) of embedded
high speed flash memory. A 128-bit wide memory interface and a unique accelerator
architecture enable 32-bit code execution at maximum clock rate. For critical code size
applications, the alternative 16-bit Thumb Mode reduces code by more than 30% with
minimal performance penalty.
With their 144 pin package, low power consumption, various 32-bit timers, 8-channel
10-bit ADC, 2/4 (LP2292/LPC2294) advanced CAN channels, PWM channels and up
to 9 external interrupt pins these microcontrollers are particularly suitable for
automotive and industrial control applications as well as medical systems and
fault-tolerant maintenance buses. Number of available GPIOs ranges from 76 (with
external memory) through 112 (single-chip). With a wide range of additional serial
communications interfaces, they are also suited for communication gateways and
protocol converters as well as many other general-purpose applications.
2.
Features
2.1 Key features
s 16/32-bit ARM7TDMI-S microcontroller in a LQFP144 package.
s 16 kB on-chip Static RAM and 256 kB on-chip Flash Program Memory. 128-bit
wide interface/accelerator enables high speed 60 MHz operation.
s In-System Programming (ISP) and In-Application Programming (IAP) via on-chip
boot-loader software. Flash programming takes 1 ms per 512 byte line. Single
sector or full chip erase takes 400 ms.
s EmbeddedICE-RT and Embedded Trace interfaces offer real-time debugging with
the on-chip RealMonitor software as well as high speed real-time tracing of
instruction execution.
s Two/four (LPC2292/2294) interconnected CAN interfaces with advanced
acceptance filters. Additional serial interfaces include two UARTs (16C550), Fast
I2C (400 kbits/s) and two SPIs™.
s Eight channel 10-bit A/D converter with conversion time as low as 2.44
µs.
s Two 32-bit timers (with 4 capture and 4 compare channels), PWM unit (6 outputs),
Real Time Clock and Watchdog.
s Vectored Interrupt Controller with configurable priorities and vector addresses.
s Configurable external memory interface with up to four banks, each up to 16 Mb
and 8/16/32 bit data width.
s Up to 112 general purpose I/O pins (5 V tolerant). Up to 9 edge/level sensitive
external interrupt pins available.


Similar Part No. - LPC2292

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC2292 PHILIPS-LPC2292 Datasheet
273Kb / 54P
16/32-bit ARM microcontrollers; 256 kB ISP/IAP flash with CAN, 10-bit ADC and external memory interface
Rev. 06-10 December 2007
LPC2292 NXP-LPC2292 Datasheet
279Kb / 53P
16/32-bit ARM microcontrollers; 256 kB ISP/IAP flash with CAN, 10-bit ADC and external memory interface
Rev. 7-4 December 2008
LPC2292FBD144 PHILIPS-LPC2292FBD144 Datasheet
273Kb / 54P
16/32-bit ARM microcontrollers; 256 kB ISP/IAP flash with CAN, 10-bit ADC and external memory interface
Rev. 06-10 December 2007
LPC2292FBD144 NXP-LPC2292FBD144 Datasheet
279Kb / 53P
16/32-bit ARM microcontrollers; 256 kB ISP/IAP flash with CAN, 10-bit ADC and external memory interface
Rev. 7-4 December 2008
LPC2292FBD144/00 PHILIPS-LPC2292FBD144/00 Datasheet
273Kb / 54P
16/32-bit ARM microcontrollers; 256 kB ISP/IAP flash with CAN, 10-bit ADC and external memory interface
Rev. 06-10 December 2007
More results

Similar Description - LPC2292

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC2194 PHILIPS-LPC2194 Datasheet
158Kb / 33P
Single-chip 16/32-bit microcontrollers 256 kB ISP/IAP Flash with 10-bit ADC and CAN
Rev. 01-06 February 2004
LPC2119 PHILIPS-LPC2119 Datasheet
163Kb / 34P
Single-chip 16/32-bit microcontrollers; 128/256 kB ISP/IAP Flash with 10-bit ADC and CAN
Rev. 03-22 December 2004
LPC2212 PHILIPS-LPC2212 Datasheet
185Kb / 40P
16/32-bit ARM microcontrollers; 128/256 kB ISP/IAP Flash with 10-bit ADC and external memory interface
Rev. 02-23 December 2004
LPC2292 PHILIPS-LPC2292_07 Datasheet
273Kb / 54P
16/32-bit ARM microcontrollers; 256 kB ISP/IAP flash with CAN, 10-bit ADC and external memory interface
Rev. 06-10 December 2007
LPC2212 PHILIPS-LPC2212_08 Datasheet
196Kb / 45P
16/32-bit ARM microcontrollers; 128/256 kB ISP/IAP flash with 10-bit ADC and external memory interface
Rev. 04-3 January 2008
LPC2292 NXP-LPC2292 Datasheet
279Kb / 53P
16/32-bit ARM microcontrollers; 256 kB ISP/IAP flash with CAN, 10-bit ADC and external memory interface
Rev. 7-4 December 2008
LPC2212 NXP-LPC2212 Datasheet
208Kb / 45P
16/32-bit ARM microcontrollers; 128/256 kB ISP/IAP flash with 10-bit ADC and external memory interface
Rev. 04-3 January 2008
LPC2212 NXP-LPC2212_11 Datasheet
359Kb / 47P
Single-chip 16/32-bit ARM microcontrollers; 128/256 kB ISP/IAP flash with 10-bit ADC
Rev. 5-14 June 2011
LPC2212 PHILIPS-LPC2212_15 Datasheet
359Kb / 47P
Single-chip 16/32-bit ARM microcontrollers; 128/256 kB ISP/IAP flash with 10-bit ADC and external memory interface
Rev. 5-14 June 2011
LPC2292 PHILIPS-LPC2292_15 Datasheet
456Kb / 54P
16/32-bit ARM microcontrollers; 256 kB ISP/IAP flash with CAN, 10-bit ADC and external memory interface
Rev. 8-8 June 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com