Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2292 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # LPC2292
Description  16/32-bit ARM microcontrollers 256 kB ISP/IAP Flash with CAN, 10-bit ADC and external memory interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2292 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button LPC2292 Datasheet HTML 5Page - NXP Semiconductors LPC2292 Datasheet HTML 6Page - NXP Semiconductors LPC2292 Datasheet HTML 7Page - NXP Semiconductors LPC2292 Datasheet HTML 8Page - NXP Semiconductors LPC2292 Datasheet HTML 9Page - NXP Semiconductors LPC2292 Datasheet HTML 10Page - NXP Semiconductors LPC2292 Datasheet HTML 11Page - NXP Semiconductors LPC2292 Datasheet HTML 12Page - NXP Semiconductors LPC2292 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
Philips Semiconductors
LPC2292/LPC2294
16/32-bit ARM microcontrollers with external memory interface
Preliminary data
Rev. 01 — 05 February 2004
9 of 40
9397 750 12748
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
P2.27
16
I/O
D27 — External memory data line 27.
I
BOOT1 — While RESET is low, together with BOOT0 controls booting and
internal operation. Internal pull-up ensures high state if pin is left
unconnected.
BOOT1:0=00 selects 8-bit memory on CS0 for boot.
BOOT1:0=01 selects 16-bit memory on CS0 for boot.
BOOT1:0=10 selects 32-bit memory on CS0 for boot.
BOOT1:0=11 selects Internal Flash memory.
P2.28
17
I/O
D28 — External memory data line 28.
P2.29
18
I/O
D29 — External memory data line 29.
P2.30
19
I/O
D30 — External memory data line 30.
I
AIN4 — A/D converter, input 4. This analog input is always connected to its
pin.
P2.31
20
I/O
D31 — External memory data line 31.
I
AIN5 — A/D converter, input 5. This analog input is always connected to its
pin.
P3.0 to P3.31
89-87, 81,
80, 74-71,
66-62, 56,
55, 53,
48-44, 41,
40, 36, 35,
30-27, 97, 96
I/O
Port 3 — Port 3 is a 32-bit bi-directional I/O port with individual direction
controls for each bit. The operation of port 3 pins depends upon the pin
function selected via the Pin Connect Block.
P3.0
89
O
A0 — External memory address line 0.
P3.1
88
O
A1 — External memory address line 1.
P3.2
87
O
A2 — External memory address line 2.
P3.3
81
O
A3 — External memory address line 3.
P3.4
80
O
A4 — External memory address line 4.
P3.5
74
O
A5 — External memory address line 5.
P3.6
73
O
A6 — External memory address line 6.
P3.7
72
O
A7 — External memory address line 7.
P3.8
71
O
A8 — External memory address line 8.
P3.9
66
O
A9 — External memory address line 9.
P3.10
65
O
A10 — External memory address line 10.
P3.11
64
O
A11 — External memory address line 11.
P3.12
63
O
A12 — External memory address line 12.
P3.13
62
O
A13 — External memory address line 13.
P3.14
56
O
A14 — External memory address line 14.
P3.15
55
O
A15 — External memory address line 15.
P3.16
53
O
A16 — External memory address line 16.
P3.17
48
O
A17 — External memory address line 17.
P3.18
47
O
A18 — External memory address line 18.
P3.19
46
O
A19 — External memory address line 19.
Table 3:
Pin description…continued
Symbol
Pin
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com