Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2292 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # LPC2292
Description  16/32-bit ARM microcontrollers 256 kB ISP/IAP Flash with CAN, 10-bit ADC and external memory interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2292 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button LPC2292 Datasheet HTML 7Page - NXP Semiconductors LPC2292 Datasheet HTML 8Page - NXP Semiconductors LPC2292 Datasheet HTML 9Page - NXP Semiconductors LPC2292 Datasheet HTML 10Page - NXP Semiconductors LPC2292 Datasheet HTML 11Page - NXP Semiconductors LPC2292 Datasheet HTML 12Page - NXP Semiconductors LPC2292 Datasheet HTML 13Page - NXP Semiconductors LPC2292 Datasheet HTML 14Page - NXP Semiconductors LPC2292 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
Philips Semiconductors
LPC2292/LPC2294
16/32-bit ARM microcontrollers with external memory interface
Preliminary data
Rev. 01 — 05 February 2004
11 of 40
9397 750 12748
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
6.
Functional description
Details of the LPC2292/LPC2294 systems and peripheral functions are described in
the following sections.
6.1 Architectural overview
The ARM7TDMI-S is a general purpose 32-bit microprocessor, which offers high
performance and very low power consumption. The ARM architecture is based on
Reduced Instruction Set Computer (RISC) principles, and the instruction set and
related decode mechanism are much simpler than those of microprogrammed
Complex Instruction Set Computers. This simplicity results in a high instruction
throughput and impressive real-time interrupt response from a small and
cost-effective processor core.
Pipeline techniques are employed so that all parts of the processing and memory
systems can operate continuously. Typically, while one instruction is being executed,
its successor is being decoded, and a third instruction is being fetched from memory.
The ARM7TDMI-S processor also employs a unique architectural strategy known as
THUMB, which makes it ideally suited to high-volume applications with memory
restrictions, or applications where code density is an issue.
The key idea behind THUMB is that of a super-reduced instruction set. Essentially,
the ARM7TDMI-S processor has two instruction sets:
• The standard 32-bit ARM set.
• A 16-bit THUMB set.
The THUMB set’s 16-bit instruction length allows it to approach twice the density of
standard ARM code while retaining most of the ARM’s performance advantage over a
traditional 16-bit processor using 16-bit registers. This is possible because THUMB
code operates on the same 32-bit register set as ARM code.
THUMB code is able to provide up to 65% of the code size of ARM, and 160% of the
performance of an equivalent ARM processor connected to a 16-bit memory system.
6.2 On-Chip Flash program memory
The LPC2292/LPC2294 incorporate a 256 kB Flash memory system respectively.
This memory may be used for both code and data storage. Programming of the Flash
memory may be accomplished in several ways. It may be programmed In System via
the serial port. The application program may also erase and/or program the Flash
while the application is running, allowing a great degree of flexibility for data storage
field firmware upgrades, etc. When on-chip bootloader is used, 248 kB of Flash
memory is available for user code.
6.3 On-Chip static RAM
On-Chip static RAM may be used for code and/or data storage. The SRAM may be
accessed as 8-bits, 16-bits, and 32-bits. The LPC2292/LPC2294 provide 16 kB of
static RAM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com