Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2292 Datasheet(PDF) 19 Page - NXP Semiconductors

Part # LPC2292
Description  16/32-bit ARM microcontrollers 256 kB ISP/IAP Flash with CAN, 10-bit ADC and external memory interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2292 Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button LPC2292 Datasheet HTML 15Page - NXP Semiconductors LPC2292 Datasheet HTML 16Page - NXP Semiconductors LPC2292 Datasheet HTML 17Page - NXP Semiconductors LPC2292 Datasheet HTML 18Page - NXP Semiconductors LPC2292 Datasheet HTML 19Page - NXP Semiconductors LPC2292 Datasheet HTML 20Page - NXP Semiconductors LPC2292 Datasheet HTML 21Page - NXP Semiconductors LPC2292 Datasheet HTML 22Page - NXP Semiconductors LPC2292 Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
Philips Semiconductors
LPC2292/LPC2294
16/32-bit ARM microcontrollers with external memory interface
Preliminary data
Rev. 01 — 05 February 2004
19 of 40
9397 750 12748
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
5:4
Controls the use of the data bus and strobe pins:
BOOT1:0
Pins P2.7:0
11 = P2.7:0
0x or 10 = D7:0
Pin P1.0
11 = P1.0
0x or 10 = CS0
Pin P1.1
11 = P1.1
0x or 10 = OE
Pin P3.31
11 = P3.31
0x or 10 = BLS0
Pins P2.15:8
00 or 11 = P2.15:8
01 or 10 = D15:8
Pin P3.30
00 or 11 = P3.30
01 or 10 = BLS1
Pins P2.27:16
0x or 11 = P2.27:16
10 = D27:16
Pins P2.29:28
0x or 11 = P2.29:28 or reserved
10 = D29:28
Pins P2.31:30
0x or 11 = P2.31:30 or AIN5:4
10 = D31:30
Pins P3.29:28
0x or 11 = P3.29:28 or AIN6:7
10 = BLS2:3
6
If bits 5:4 are not 10, controls the use of pin P3.29: 0 enables P3.29, 1 enables
AIN6.
1
7
If bits 5:4 are not 10, controls the use of pin P3.28: 0 enables P3.28, 1 enables
AIN7.
1
8
Controls the use of pin P3.27: 0 enables P3.27, 1 enables WE.
0
10:9
Reserved.
-
11
Controls the use of pin P3.26: 0 enables P3.26, 1 enables CS1.
0
12
Reserved.
-
13
If bits 25:23 are not 111, controls the use of pin P3.23/A23/XCLK: 0 enables P3.23,
1 enables XCLK.
0
15:14
Controls the use of pin P3.25: 00 enables P3.25, 01 enables CS2, 10 and 11 are
reserved values.
00
17:16
Controls the use of pin P3.24: 00 enables P3.24, 01 enables CS3, 10 and 11 are
reserved values.
00
19:18
Reserved.
-
20
If bits 5:4 are not 10, controls the use of pin P2.29:28: 0 enables P2.29:28, 1 is
reserved
0
21
If bits 5:4 are not 10, controls the use of pin P2.30: 0 enables P2.30, 1 enables
AIN4.
1
22
If bits 5:4 are not 10, controls the use of pin P2.31: 0 enables P2.31, 1 enables
AIN5.
1
23
Controls whether P3.0/A0 is a port pin (0) or an address line (1).
1 if BOOT1:0=00 at
RESET=0,
0 otherwise
24
Controls whether P3.1/A1 is a port pin (0) or an address line (1).
BOOT1 during
Reset
27:25
Controls the number of pins among P3.23/A23/XCLK and P3.22:2/A2.22:2 that are
address lines:
000 if BOOT1:0=11
at Reset, 111
otherwise
000 = None
100 = A11:2 are address lines.
001 = A3:2 are address lines.
101 = A15:2 are address lines.
010 = A5:2 are address lines.
110 = A19:2 are address lines.
011 = A7:2 are address lines.
111 = A23:2 are address lines.
31:28
Reserved.
Table 8:
Pin function select register 2 (PINSEL2 - 0xE002C014)…continued
PINSEL2 bits
Description
Reset value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com